Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC1G126 Datasheet (PDF) - Renesas Technology Corp

RD74LVC1G126 Datasheet PDF - Renesas Technology Corp
Part # RD74LVC1G126
Download  RD74LVC1G126 Download
File Size   2070.91 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Buffer with 3-state Output

RD74LVC1G126 Datasheet (PDF)

Go To PDF Page Download Datasheet
RD74LVC1G126 Datasheet PDF - Renesas Technology Corp

Part # RD74LVC1G126
Download  RD74LVC1G126 Click to download

File Size   2070.91 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bus Buffer with 3-state Output

RD74LVC1G126 Datasheet (HTML) - Renesas Technology Corp


RD74LVC1G126 Product details

Description
The RD74LVC1G126 has bus buffer with 3–state output in a 5-pin package. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.

Features
• The basic gate function is lined up as renesas uni logic series.
• Supply voltage range: 1.65 to 5.5 V
• Operating temperature range: –40 to +85°C
• All inputs: VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs: VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current: ±4 mA (@VCC = 1.65 V)
                           ±8 mA (@VCC = 2.3 V)
                           ±24 mA (@VCC = 3.0 V)
                           ±32 mA (@VCC = 4.5 V)




Similar Part No. - RD74LVC1G126

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G125 RENESAS-RD74LVC1G125 Datasheet
1Mb / 8P
Bus Buffer with 3-state Output
RD74LVC1G125WPE RENESAS-RD74LVC1G125WPE Datasheet
1Mb / 8P
Bus Buffer with 3-state Output
More results


Similar Description - RD74LVC1G126

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
Bus Buffer with 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
Bus Buffer With 3-STATE Output
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
Bus Buffer with 3-STATE Output
TC7SH126F TOSHIBA-TC7SH126F_09 Datasheet
174Kb / 6P
Bus Buffer with 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
Bus Buffer with 3-STATE Output
2009-09-18
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com