![]() |
Electronic Components Datasheet Search |
|
STRF0000 Datasheet (PDF) - STMicroelectronics |
STRF0000 Datasheet (HTML) - STMicroelectronics |
STRF0000 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | STRF0000 |
Download | STRF0000 Click to view |
File Size | 19.96 Kbytes |
Page | 2 Pages |
Maker | STMICROELECTRONICS [STMicroelectronics] |
Homepage | http://www.st.com |
Logo | |
Description | CONTACTLESS READER CHIP SET |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
STRF2163 | CONTACTLESS READER CHIP SET | 1 2 | STMicroelectronics |
ST16-19RFRDCS010 | CONTACTLESS READER CHIP SET | 1 2 | STMicroelectronics |
ST16-19RFRDCS910 | CONTACTLESS READER CHIP SET With ST92163MCU | 1 2 | STMicroelectronics |
ST70134-ST70135A | ASCOT ADSL MODEM CHIP SET FOR CPE | 1 2 3 4 5 More | STMicroelectronics |
AT73C500 | Chip Set Solution for Watt-Hour Meters | 1 2 3 4 5 More | ATMEL Corporation |
ICS9159-20 | Frequency Generator for SIS551X and SIS6205 Chip Set Systems | 1 2 3 4 5 | Integrated Circuit Systems |
CRX14 | Low Cost 13.56MHz / I²C Short Range Contactless Coupler Chip with anti-collision CRC management and anti-clone function | 1 2 3 4 | STMicroelectronics |
M35101 | Contactless Memory Chip 13.56 MHz 2048-bit High Endurance EEPROM | 1 2 | STMicroelectronics |
ST70134 | ASCOT ADSL MODEM CHIP SET FOR CPE | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |