Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K134 Datasheet (PDF) - Renesas Technology Corp

K134 Datasheet PDF - Renesas Technology Corp
Part # K134
Download  K134 Download
File Size   89.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET

K134 Datasheet (PDF)

Go To PDF Page Download Datasheet
K134 Datasheet PDF - Renesas Technology Corp

Part # K134
Download  K134 Click to download

File Size   89.1 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel MOS FET

K134 Datasheet (HTML) - Renesas Technology Corp


K134 Product details

* Output current up to 100 mA



* Output voltages of 3.3; 5; 6; 8; 9; 10; 12; 15; 18;24 V



* Thermal overload protection



* Short-circuit protection



* No external components are required



* Available in either ± 4% (AC) or ± 8% (C) selection




Similar Part No. - K134

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
K134 HITACHI-K134 Datasheet
48Kb / 9P
Silicon N-Channel MOS FET
K134 HITACHI-K134 Datasheet
48Kb / 9P
Silicon N-Channel MOS FET
K134 HITACHI-K134 Datasheet
49Kb / 9P
Silicon N-Channel MOS FET
logo
Renesas Technology Corp
K134 RENESAS-K134 Datasheet
82Kb / 7P
Silicon N Channel MOS FET
K134 RENESAS-K134 Datasheet
83Kb / 7P
Silicon N Channel MOS FET
More results


Similar Description - K134

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
2SK655 PANASONIC-2SK655 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
2SK664 PANASONIC-2SK664 Datasheet
35Kb / 2P
Silicon N-Channel MOS FET
logo
Renesas Technology Corp
RQA0009SXAQS RENESAS-RQA0009SXAQS Datasheet
200Kb / 13P
Silicon N-Channel MOS FET
2SK1215 RENESAS-2SK1215 Datasheet
140Kb / 6P
Silicon N-Channel MOS FET
2SK1303 RENESAS-2SK1303 Datasheet
84Kb / 7P
Silicon N Channel MOS FET
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com