| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
IRF630
|
104Kb / 9P |
N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
Feb-1999 |
|
IRF630S
|
85Kb / 8P |
N - CHANNEL 200V - 0.35ohm - 9A - D2PAK MESH OVERLAY] MOSFET
Dec-1998 |
|
IRF634
|
333Kb / 9P |
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Jul-2001 |
|
IRF640
|
107Kb / 9P |
N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
Oct-1999 |
|
STP16NS25
|
330Kb / 9P |
N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY™ MOSFET
May-2002 |
|
STP8NS25
|
329Kb / 9P |
N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY™ MOSFET
Apr-2001 |
|
IRF630M
|
343Kb / 9P |
N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
Oct-2001 |
|
STB19NF20
|
535Kb / 16P |
N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
16-Feb-2007 |
|
IRF630
|
336Kb / 14P |
N-channel 200V - 0.35Ω - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
03-Aug-2006 |
|
IRF-634
|
326Kb / 14P |
N-channel 250V - 0.38Ω - 8A TO-220 /TO-220FP Mesh Overlay™ Power MOSFET
28-Jun-2006 |