Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4NC60FP Datasheet (PDF) - STMicroelectronics

P4NC60FP Datasheet PDF - STMicroelectronics
Part # P4NC60FP
Download  P4NC60FP Download
File Size   356.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET

P4NC60FP Datasheet (PDF)

Go To PDF Page Download Datasheet
P4NC60FP Datasheet PDF - STMicroelectronics

Part # P4NC60FP
Download  P4NC60FP Click to download

File Size   356.26 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET

P4NC60FP Datasheet (HTML) - STMicroelectronics


P4NC60FP Product details

DESCRIPTION

The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™.The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the lead ing edge for what concerns swithing speed, gate

charge and ruggedness.



■ TYPICAL RDS(on) = 1.8Ω

■ EXTREMELY HIGH dv/dt CAPABILITY

■ 100% AVALANCHE TESTED

■ NEW HIGH VOLTAGE BENCHMARK

■ GATE CHARGE MINIMIZED



APPLICATIONS

■ HIGH CURRENT, HIGH SPEED SWITCHING

■ SWITH MODE POWER SUPPLIES (SMPS)

■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVERS




Similar Part No. - P4NC60FP

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
P4NC60A VBSEMI-P4NC60A Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
P4NC60AFP STMICROELECTRONICS-P4NC60AFP Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
More results


Similar Description - P4NC60FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB4NC60 STMICROELECTRONICS-STB4NC60 Datasheet
429Kb / 9P
N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh™ I MOSFET
Oct-2001
STB5NB60 STMICROELECTRONICS-STB5NB60 Datasheet
93Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - I2PAK/D2PAK PowerMESH MOSFET
Jan-2000
STP19NB20 STMICROELECTRONICS-STP19NB20 Datasheet
546Kb / 12P
N-CHANNEL 200V - 0.15ohm - 19A - TO-220/TO-220FP/I2PAK PowerMESH™ MOSFET
Aug-2002
STP4NB30FP STMICROELECTRONICS-STP4NB30FP Datasheet
331Kb / 9P
N-CHANNEL 300V - 1.8ohm - 4A - TO-220/TO-220FP PowerMesh™ MOSFET
May-2001
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh™ I MOSFET
Jul-2001
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Sep-1999
STP5NB80 STMICROELECTRONICS-STP5NB80 Datasheet
107Kb / 9P
N - CHANNEL 800V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
Jan-1999
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH™ II MOSFET
May-2001
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH™IGBT
26-Apr-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com