| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
TDA7480
|
177Kb / 10P |
10W MONO CLASS-D AMPLIFIER
Sep-1998 |
|
TDA7481
|
143Kb / 6P |
10W MONO CLASS-D AMPLIFIER
Feb-1998 |
|
TDA7482
|
112Kb / 6P |
25W MONO CLASS-D AMPLIFIER
Jun-1998 |
|
TDA7490
|
193Kb / 10P |
25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
Rev. 6 |
 Maxim Integrated Produc... |
MAX9709
|
647Kb / 24P |
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
Rev 0; 9/05 |
|
MAX9737
|
347Kb / 13P |
Mono 7W Class D Amplifier
Rev 0; 10/08 |
|
MAX9830
|
1Mb / 11P |
Mono 2W Class D Amplifier
Rev 0; 8/09 |
|
MAX98300
|
1Mb / 14P |
Mono 2.6W Class D Amplifier
Rev 0; 7/10 |
 Texas Instruments |
TPA2028D1
|
2Mb / 43P |
Mono Class-D Audio Amplifier
|
 Maxim Integrated Produc... |
MAX9709
|
1Mb / 20P |
25W/50W, Filterless, Spread-Spectrum, Stereo/Mono, Class D Amplifier
19-3769; Rev 2; 5/14 |