| Manufacturer | Part # | Datasheet | Description |
 STMicroelectronics |
STB5NK50Z
|
618Kb / 14P |
N-CHANNEL500V-1.22ohm-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
Apr-2003 |
|
STD1NC60
|
280Kb / 9P |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh™ I MOSFET
Dec-2000 |
|
STD2NC70Z
|
447Kb / 10P |
N-CHANNEL 700V - 4.1ohm - 2.3A DPAK/IPAK Zener-Protected PowerMESH™ III MOSFET
Apr-2001 |
|
STP3NK60Z
|
755Kb / 15P |
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Jul-2003 |
|
STP5NC70Z
|
348Kb / 12P |
N-CHANNEL 700V - 1.8ohm - 4.6A TO-220/FP/D²PAK/I²PAK Zener-Protected PowerMESH™ II MOSFET
Dec-2002 |
|
STP7NC70Z
|
529Kb / 13P |
N-CHANNEL 700V - 1.1ohm - 6A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™ II MOSFET
May-2003 |
|
STP8NC70Z
|
532Kb / 13P |
N-CHANNEL 700V - 0.90ohm - 6.8A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH™III MOSFET
Dec-2002 |
|
STP3NK80Z
|
608Kb / 13P |
N-CHANNEL 800V - 3.8W - 2.5A TO-220/FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
September 2003 |
|
STP2NK90Z
|
389Kb / 13P |
N-CHANNEL 900V-5W-2.1A TO-220/DPAK/IPAK Zener-Protected SuperMESHTM MOSFET
30-Sep-2004 |
|
STB5NK50Z-1
|
447Kb / 14P |
N-CHANNEL500V-1.22W-4.4ATO-220/FP/DPAK/IPAK/I2PAK Zener-Protected SuperMESH Power MOSFET
Apr-2003 |