Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0110MN1AA2 Datasheet (PDF) - STMicroelectronics

Z0110MN1AA2 Datasheet PDF - STMicroelectronics
Part # Z0110MN1AA2
Download  Z0110MN1AA2 Download

File Size   96.07 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A Triacs

Z0110MN1AA2 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0110MN1AA2 Datasheet PDF - STMicroelectronics

Part # Z0110MN1AA2
Download  Z0110MN1AA2 Click to download

File Size   96.07 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A Triacs

Z0110MN1AA2 Datasheet (HTML) - STMicroelectronics

Z0110MN1AA2 Datasheet HTML 1Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 2Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 3Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 4Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 5Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 6Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 7Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 8Page - STMicroelectronics Z0110MN1AA2 Datasheet HTML 9Page - STMicroelectronics



Similar Part No. - Z0110MN1AA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0110MN1AA2 STMICROELECTRONICS-Z0110MN1AA2 Datasheet
74Kb / 8P
   1A TRIACS
Z0110MN1AA2 STMICROELECTRONICS-Z0110MN1AA2 Datasheet
130Kb / 12P
   Standard 1A Triacs
More results


Similar Description - Z0110MN1AA2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_V01 Datasheet
296Kb / 16P
   Standard 1 A Triacs
Rev. 11 May 2019
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
List of Unclassifed Man...
BTA22 ETC-BTA22 Datasheet
269Kb / 5P
   10-A SILICON TRIACS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com