Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-24V0181.8 Datasheet (PDF) - STMicroelectronics

GS-24V0181.8 Datasheet PDF - STMicroelectronics
Part # GS-24V0181.8
Download  GS-24V0181.8 Download
File Size   454.43 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.8 A DC-DC converter modules

GS-24V0181.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS-24V0181.8 Datasheet PDF - STMicroelectronics

Part # GS-24V0181.8
Download  GS-24V0181.8 Click to download

File Size   454.43 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.8 A DC-DC converter modules

GS-24V0181.8 Datasheet (HTML) - STMicroelectronics


GS-24V0181.8 Product details

Description
The GS-R24FP series is a family of high efficiency step down switching voltage regulator, designed to replace linear regulators.
Based on ST L5973A device, this non isolated family of regulators are suitable for the full spectrum of applications including telecom, industry, computer and distributed power system applications having a widely ranging input voltage.

Features
■ MTBF 1 000 000 hours (TA = 25 °C)
■ 1.8 A max output current
■ 35 V max input voltage
■ 1.5 V max drop-out voltage
■ Remote logic inhibit/enable
■ Synchronization
■ Not-latching overload and short circuit protection
■ Thermal shutdown
■ Fixed or adjustable output
■ No heatsink required
■ Operating temperature range -25 °C ÷ 85 °C




Similar Part No. - GS-24V0181.8

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
Identification of the substance/mixture and of the company/undertaking
GS-2000-4406-2 3M-GS-2000-4406-2 Datasheet
158Kb / 17P
Identification of the substance/mixture and of the company/undertaking
GS-2000-4407-0 3M-GS-2000-4407-0 Datasheet
158Kb / 17P
Identification of the substance/mixture and of the company/undertaking
More results


Similar Description - GS-24V0181.8

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
2A DC/DC converter modules
16-Oct-2006
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
2 A DC-DC converter modules
27-Feb-2008
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
2 A DC-DC converter modules
25-Feb-2008
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
1.9 A DC-DC converter modules
27-Feb-2008
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
1.8 WATT REGULATED DC/DC CONVERTER
logo
Power Systems GmbH+Co.K...
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
DC-DC Converter Power Modules
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
1.8 Watt Isolated DC-DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com