Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1235600R-TR Datasheet (PDF) - STMicroelectronics

T1235600R-TR Datasheet PDF - STMicroelectronics
Part # T1235600R-TR
Download  T1235600R-TR Download
File Size   138.75 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A Snubberless, logic level and standard triacs

T1235600R-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
T1235600R-TR Datasheet PDF - STMicroelectronics

Part # T1235600R-TR
Download  T1235600R-TR Click to download

File Size   138.75 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12 A Snubberless, logic level and standard triacs

T1235600R-TR Datasheet (HTML) - STMicroelectronics




Similar Part No. - T1235600R-TR

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
T1235 NJSEMI-T1235 Datasheet
185Kb / 5P
12 A Snubberless?? logic level and standard triacs
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
Rugged construction SMD TCXO
logo
STMicroelectronics
T1235 STMICROELECTRONICS-T1235 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
66Kb / 5P
HIGH PERFORMANCE TRIAC
Jan-1998
T1235-600G STMICROELECTRONICS-T1235-600G Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
More results


Similar Description - T1235600R-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
152Kb / 9P
Entry level Snubberless™, logic level and standard 12 A TRIACs
23-Mar-2009
T1210T-6I STMICROELECTRONICS-T1210T-6I Datasheet
133Kb / 9P
Entry level Snubberless?? logic level and standard 12 A TRIACs
23-Mar-2009
T1205-600G STMICROELECTRONICS-T1205-600G Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T1220T-6I STMICROELECTRONICS-T1220T-6I Datasheet
152Kb / 9P
Snubberless, logic level and standard 12 A Triacs
18-Jan-2010
logo
New Jersey Semi-Conduct...
BTA12 NJSEMI-BTA12 Datasheet
185Kb / 5P
12 A Snubberless?? logic level and standard triacs
logo
STMicroelectronics
T1235-600R STMICROELECTRONICS-T1235-600R Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
T12T STMICROELECTRONICS-T12T Datasheet
193Kb / 8P
Snubberless™ logic level and standard 12 A Triacs
16-Sep-2013
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com