Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT5376V032 Datasheet (PDF) - STMicroelectronics

VT5376V032 Datasheet PDF - STMicroelectronics
Part # VT5376V032
Download  VT5376V032 Download
File Size   266.01 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low power laser motion sensor for laser mouse applications

VT5376V032 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT5376V032 Datasheet PDF - STMicroelectronics

Part # VT5376V032
Download  VT5376V032 Click to download

File Size   266.01 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low power laser motion sensor for laser mouse applications

VT5376V032 Datasheet (HTML) - STMicroelectronics


VT5376V032 Product details

Description
This device is intended to fit into any 2-chip application (companion MCU) and offers the best compromise between application cost, power and performance.

Features
■ Ultra-low power performance and high speed/high accuracy motion detection (1 m/s, 20 g)
■ Optional on-chip power management scheme (RUN/IDLE1/IDLE2/SLEEP)
■ On-chip boost-converter controller enables a complete autonomous single AA/AAA-type battery supply application
■ Very low quiescent and operating current mode for battery life saving
■ I2C interface, with fast polling rate capability for high end applications (report rate up to 1 per ms)
■ Internal oscillator
■ CPI programmable up to 3200 CPI
■ On-chip ADC for battery level reporting
■ Laser drive circuitry, fault detection scheme and safety features
■ Versatile usage: the sensor is designed to operate with a companion microcontroller, and can be used for any laser/LED mouse system
■ Optimized for wireless applications (27 MHz/2.4 GHz/BT).
■ RoHS (lead-free) package

Applications
■ Fingermice applications for mobile phones, remote controls or MP3 players
■ Ultra-low power wireless laser mouse, 27 MHz, 2.4 GHz and Bluetooth
■ Also suitable for laser USB mouse applications




Similar Part No. - VT5376V032

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VT5363 STMICROELECTRONICS-VT5363 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
VT5363 STMICROELECTRONICS-VT5363 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
VT5363V032 STMICROELECTRONICS-VT5363V032 Datasheet
610Kb / 25P
Single-chip USB/PS2 optical mouse
18-Apr-2006
VT5363V032 STMICROELECTRONICS-VT5363V032 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
VT5363 STMICROELECTRONICS-VT5363_07 Datasheet
509Kb / 23P
Single-chip USB/PS2 optical mouse
24-Jan-2007
More results


Similar Description - VT5376V032

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3603DH PIXART-PAW3603DH Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
PAW3603DH-NF PIXART-PAW3603DH-NF Datasheet
728Kb / 32P
LOW POWER WIRELESS LASER MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
Laser Mouse Sensor
ADNK-7050 AVAGO-ADNK-7050 Datasheet
107Kb / 1P
Low Power Laser Mouse Sensor
logo
Pixart Imaging Inc.
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
Low Power Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
Laser Mouse Sensor
ADNK-6030 AVAGO-ADNK-6030 Datasheet
120Kb / 1P
Low Power Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6030 BOARDCOM-ADNK-6030 Datasheet
120Kb / 1P
Low Power Laser Mouse Sensor
ADNK-7050 BOARDCOM-ADNK-7050 Datasheet
107Kb / 1P
Low Power Laser Mouse Sensor
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com