Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HCT174 Datasheet (PDF) - STMicroelectronics

M74HCT174 Datasheet PDF - STMicroelectronics
Part # M74HCT174
Download  M74HCT174 Download
File Size   243.58 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

M74HCT174 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT174 Datasheet PDF - STMicroelectronics

Part # M74HCT174
Download  M74HCT174 Click to download

File Size   243.58 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

M74HCT174 Datasheet (HTML) - STMicroelectronics


M74HCT174 Product details

DESCRIPTION
The M74HCT174 is an high speed CMOS HEX D-TYPE FLIP FLOP WITH CLEAR fabricated with silicon gate C2MOS technology.
Information signals applied to D inputs are transferred to the Q output on the positive going edge of the CLOCK (CK) pulse. When the CLEAR (CLR) input is held low, the Q outputs are held low independently of the other inputs.
All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED :
   fMAX = 56MHz (TYP.) at VCC = 4.5V
■ LOW POWER DISSIPATION:
   ICC =4µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS :
   VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 4mA (MIN)
■ BALANCED PROPAGATION DELAYS:
   tPLH ≅ tPHL
■ PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES 174




Similar Part No. - M74HCT174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT174 STMICROELECTRONICS-M74HCT174 Datasheet
245Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Feb-1993
M74HCT174B1R STMICROELECTRONICS-M74HCT174B1R Datasheet
245Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Feb-1993
M74HCT174C1R STMICROELECTRONICS-M74HCT174C1R Datasheet
245Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Feb-1993
M74HCT174M1R STMICROELECTRONICS-M74HCT174M1R Datasheet
245Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Feb-1993
More results


Similar Description - M74HCT174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com