Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E53NC50 Datasheet (PDF) - STMicroelectronics

E53NC50 Datasheet PDF - STMicroelectronics
Part # E53NC50
Download  E53NC50 Download
File Size   275.64 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.070Ω - 53A ISOTOP PowerMesh™ II MOSFET

E53NC50 Datasheet (PDF)

Go To PDF Page Download Datasheet
E53NC50 Datasheet PDF - STMicroelectronics

Part # E53NC50
Download  E53NC50 Click to download

File Size   275.64 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-CHANNEL 500V - 0.070Ω - 53A ISOTOP PowerMesh™ II MOSFET

E53NC50 Datasheet (HTML) - STMicroelectronics


E53NC50 Product details

DESCRIPTION
The PowerMESH™ II is the evolution of the first generation of MESH OVERLAY™. The layout refinements introduced greatly improve the Ron*area figure of merit while keeping the device at the leading edge for what concerns swithing speed, gate charge and ruggedness.

■ TYPICAL RDS(on) = 0.07 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ NEW HIGH VOLTAGE BENCHMARK
■ GATE CHARGE MINIMIZED

APPLICATIONS
■ HIGH CURRENT, HIGH SPEED SWITCHING
■ SWITH MODE POWER SUPPLIES (SMPS)
■ DC-AC CONVERTERS FOR WELDING EQUIPMENT AND UNINTERRUPTIBLE POWER SUPPLIES AND MOTOR DRIVER




Similar Part No. - E53NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E53NA50 STMICROELECTRONICS-E53NA50 Datasheet
88Kb / 7P
N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR
Feb-1998
More results


Similar Description - E53NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
Mar-2000
STE38NB50 STMICROELECTRONICS-STE38NB50 Datasheet
280Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Jun-1998
STE38NB50F STMICROELECTRONICS-STE38NB50F Datasheet
89Kb / 8P
N - CHANNEL 500V - 0.11 ohm - 38A - ISOTOP PowerMESH MOSFET
Dec-1999
STE40NC60 STMICROELECTRONICS-STE40NC60 Datasheet
270Kb / 8P
N-CHANNEL 600V - 0.098Ω - 40A ISOTOP PowerMesh™ II MOSFET
May-2002
STE48NM50 STMICROELECTRONICS-STE48NM50 Datasheet
273Kb / 8P
N-CHANNEL 500V - 0.08Ω - 48A ISOTOP MDmesh™ Power MOSFET
Sep-2002
STGE200NB60S STMICROELECTRONICS-STGE200NB60S Datasheet
274Kb / 13P
N-CHANNEL 150A - 600V - ISOTOP PowerMESH™ IGBT
03-Nov-2006
STGE50NB60HD STMICROELECTRONICS-STGE50NB60HD Datasheet
47Kb / 6P
N-CHANNEL 50A - 600V ISOTOP PowerMESH IGBT
Jun-1999
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
Sep-1999
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
May-2001
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com