Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE2002 Datasheet (PDF) - STMicroelectronics

STE2002 Datasheet PDF - STMicroelectronics
Part # STE2002
Download  STE2002 Download
File Size   494.59 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER

STE2002 Datasheet (PDF)

Go To PDF Page Download Datasheet
STE2002 Datasheet PDF - STMicroelectronics

Part # STE2002
Download  STE2002 Click to download

File Size   494.59 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER

STE2002 Datasheet (HTML) - STMicroelectronics


STE2002 Product details

Description
The STE2002 is a low power CMOS LCD controller driver. Designed to drive a 81 rows by 128 columns graphic display, provides all necessary functions in a single chip, including on-chip LCD supply and bias voltages generators, resulting in a minimum of externals components and in a very low power consumption. The STE2002 features three standard interfaces (Serial, Parallel & I2C) for ease of interfacing with the host microcontroller.

Features
■ 104 x 128 bits Display Data RAM
■ Programmable MUX rate
■ Programmable frame rate
■ X,Y Programmable carriage return
■ Dual partial display mode
■ Row by Row Scrolling
■ Automatic data RAM Blanking procedure
■ Selectable Input interface:
    – I2C Bus Fast and Hs-mode (read and write)
    – Parallel Interface (read and write)
    – Serial Interface (read and write)
■ Fully Integrated oscillator requires no external components
■ CMOS compatible inputs
■ Fully integrated configurable LCD bias voltage generator with:
    – Selectable multiplication factor (up to 6X)
    – Effective sensing for High Precision Output
    – Eight selectable temperature compensation coefficients
■ Designed for chip-on-glass (COG) applications
■ Low power consumption, suitable for battery operated systems
■ Logic supply voltage range from 1.7 to 3.6V
■ High voltage generator supply voltage range from 1.75 to 4.2V
■ Display supply voltage range from 4.5 Vto 14.5V
■ Backward compatibility with STE2001




Similar Part No. - STE2002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
STE2002DIE1 STMICROELECTRONICS-STE2002DIE1 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
STE2002DIE2 STMICROELECTRONICS-STE2002DIE2 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
More results


Similar Description - STE2002

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
STMicroelectronics
STE2007 STMICROELECTRONICS-STE2007 Datasheet
708Kb / 62P
96 x 68 Single Chip LCD Controller/Driver
09-Nov-2005
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Oct-2001
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
STE2007 STMICROELECTRONICS-STE2007_06 Datasheet
718Kb / 62P
96 x 68 Single-chip LCD controller/driver
12-Dec-2006
logo
Sitronix Technology Co....
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8531 NXP-PCF8531_11 Datasheet
396Kb / 51P
34 x 128 pixel matrix driver Single-chip LCD controller and driver
Rev. 6-16 May 2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com