Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC22 Datasheet (PDF) - TAITRON Components Incorporated

SAC22 Datasheet PDF - TAITRON Components Incorporated
Part # SAC22
Download  SAC22 Download
File Size   136.12 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500W Low Capacitance Transient Voltage Suppressor

SAC22 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC22 Datasheet PDF - TAITRON Components Incorporated

Part # SAC22
Download  SAC22 Click to download

File Size   136.12 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500W Low Capacitance Transient Voltage Suppressor

SAC22 Datasheet (HTML) - TAITRON Components Incorporated


SAC22 Product details

Features

• Stand-off voltage from 5.0 to 50 volts

• Glass passivated junction

• Excellent clamping capability

• Low incremental surge resistance

• 400W peak pulse capability with a 10/1000us waveform, Repetition rate (duty cycle): 0.01%

• Fast response time: typically less than 1.0ps from 0V to VBR

• Ideal for data line applications

• High temperature soldering guaranteed 265°C/10 seconds, 0.375” (9.5mm) lead length, 5lbs, (2.3kg) tension

• This series is UL recognized under component index. File number E315008

• RoHS Compliant

 




Similar Part No. - SAC22

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC22 EIC-SAC22 Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Microsemi Corporation
SAC22 MICROSEMI-SAC22 Datasheet
65Kb / 2P
LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Weitron Technology
SAC22 WEITRON-SAC22 Datasheet
101Kb / 3P
Low Capacitance Tranient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SAC22 TSC-SAC22 Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SAC22 VISHAY-SAC22 Datasheet
97Kb / 4P
Low Capacitance TRANSZORB® Transient Voltage Suppressors
20-Oct-08
More results


Similar Description - SAC22

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA180 WTE-SA180 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
500W Transient Voltage Suppressor
logo
Micro Commercial Compon...
SAC6.0-TP MCC-SAC6.0-TP Datasheet
525Kb / 4P
500W Low Capacitance Transient Voltage Suppressor
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
500W Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com