Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST92195B Datasheet (PDF) - STMicroelectronics

ST92195B Datasheet PDF - STMicroelectronics
Part # ST92195B
Download  ST92195B Download
File Size   140.29 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER

ST92195B Datasheet (PDF)

Go To PDF Page Download Datasheet
ST92195B Datasheet PDF - STMicroelectronics

Part # ST92195B
Download  ST92195B Click to download

File Size   140.29 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER

ST92195B Datasheet (HTML) - STMicroelectronics


ST92195B Product details

GENERAL DESCRIPTION
INTRODUCTION
The ST92195B microcontroller is developed and manufactured by STMicroelectronics using a proprietary n-well HCMOS process. Its performance derives from the use of a flexible 256-register programming model for ultra-fast context switching and real-time event response. The intelligent onchip peripherals offload the ST9 core from I/O and data management processing tasks allowing critical application tasks to get the maximum use of core resources. The ST92195B MCU supports low power consumption and low voltage operation for power-efficient and low-cost embedded systems.

■ Register File based 8/16 bit Core Architecture with RUN, WFI, SLOW and HALT modes
■ 0°C to +70°C operating temperature range
■ Up to 24 MHz. operation @ 5V±10%
■ Min. instruction cycle time: 165ns at 24 MHz.
■ 32, 48, 56 or 64 Kbytes ROM
■ 256 bytes RAM of Register file (accumulators or index registers)
■ 256 bytes of on-chip static RAM
■ 2, 6 or 8 Kbytes of TDSRAM (Teletext and Display Storage RAM)
■ 28 fully programmable I/O pins
■ Serial Peripheral Interface
■ Flexible Clock controller for OSD, Data Slicer and Core clocks running from a single low frequency external crystal.
■ Enhanced display controller with 26 rows of 40/80 characters
    – Serial and Parallel attributes
    – 10x10 dot matrix, 512 ROM characters, definable by user
    – 4/3 and 16/9 supported in 50/60Hz and 100/ 120 Hz mode
    – Rounding, fringe, double width, double height, scrolling, cursor, full background color, halfintensity color, translucency and half-tone modes
■ Teletext unit, including Data Slicer, Acquisition Unit and up to 8 Kbytes RAM for data storage
■ VPS and Wide Screen Signalling slicer (on some devices)
■ Integrated Sync Extractor and Sync Controller
■ 14-bit Voltage Synthesis for tuning reference voltage
■ Up to 6 external interrupts plus one NonMaskable Interrupt
■ 8 x 8-bit programmable PWM outputs with 5V open-drain or push-pull capability
■ 16-bit watchdog timer with 8-bit prescaler
■ One 16-bit standard timer with 8-bit prescaler
■ 4-channel A/D converter; 5-bit guaranteed
■ Rich instruction set and 14 addressing modes
■ Versatile development tools, including Assembler, Linker, C-compiler, Archiver, Source Level Debugger and hardware emulators with Real-Time Operating System available from third parties
■ Pin-compatible EPROM and OTP devices available




Similar Part No. - ST92195B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST92195C STMICROELECTRONICS-ST92195C Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
ST92195C3 STMICROELECTRONICS-ST92195C3 Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
ST92195C3B1 STMICROELECTRONICS-ST92195C3B1 Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
ST92195C3T1 STMICROELECTRONICS-ST92195C3T1 Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
ST92195C4 STMICROELECTRONICS-ST92195C4 Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
More results


Similar Description - ST92195B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
Feb-1997
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
May-1993
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.2
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
15-Mar-2000
ST92196A STMICROELECTRONICS-ST92196A Datasheet
2Mb / 268P
8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
27-Feb-2003
logo
List of Unclassifed Man...
WT6803 ETC1-WT6803 Datasheet
36Kb / 3P
Monitor On-Screen Display Data Sheet
logo
STMicroelectronics
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
logo
Renesas Technology Corp
M306H1SFP RENESAS-M306H1SFP Datasheet
3Mb / 243P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA SLICER and ON-SCREEN DISPLAY CONTROLLER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com