Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F245 Datasheet (PDF) - Fox Electronics

F245 Datasheet PDF - Fox Electronics
Part # F245
Download  F245 Download

File Size   185.83 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 2.5V Oscillator

F245 Datasheet (PDF)

Go To PDF Page Download Datasheet
F245 Datasheet PDF - Fox Electronics

Part # F245
Download  F245 Click to download

File Size   185.83 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description HCMOS 2.5x2mm 2.5V Oscillator

F245 Datasheet (HTML) - Fox Electronics

F245 Datasheet HTML 1Page - Fox Electronics F245 Datasheet HTML 2Page - Fox Electronics

F245 Product details

FEATURES
• 2.5V Operation
• Standby Function
• Tape and Reel (3,000 pcs. STD)




Similar Part No. - F245

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F24-045 ETC2-F24-045 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F24-045 TRIAD-F24-045 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
   CLASS 2/3 TRANSFORMER
logo
List of Unclassifed Man...
F24-100 ETC2-F24-100 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F24-100 TRIAD-F24-100 Datasheet
90Kb / 1P
   PC MOUNT : SPLIT PACK
More results


Similar Description - F245

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F235-16 FOX-F235-16 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F210 FOX-F210 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
F235-40 FOX-F235-40 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
819A-10-1 FOX-819A-10-1 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
F216R-24.000 FOX-F216R-24.000 Datasheet
684Kb / 2P
   HCMOS 2.5x2mm 1.8V Oscillator
F230 FOX-F230 Datasheet
185Kb / 2P
   HCMOS 2.5x2mm 3.3V Oscillator
F200 FOX-F200 Datasheet
133Kb / 2P
   HCMOS 2.5x2mm 1.0 V SMD Oscillator
logo
EUROQUARTZ limited
EQXP-HC52 EUROQUARTZ-EQXP-HC52 Datasheet
166Kb / 1P
   HCMOS 5x3.2mm 2.5V OSCILLATOR
EQXP-HC72 EUROQUARTZ-EQXP-HC72 Datasheet
164Kb / 1P
   HCMOS 7x5mm 2.5V OSCILLATOR
logo
Fox Electronics
F547 FOX-F547 Datasheet
220Kb / 2P
   HCMOS 5x3.2mm 2.5V SMD Oscillator
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com