Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259B-F Datasheet (PDF) - TAITRON Components Incorporated

MMSZ5259B-F Datasheet PDF - TAITRON Components Incorporated
Part # MMSZ5259B-F
Download  MMSZ5259B-F Download
File Size   161.69 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Two Terminals SMD Zener Diodes

MMSZ5259B-F Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5259B-F Datasheet PDF - TAITRON Components Incorporated

Part # MMSZ5259B-F
Download  MMSZ5259B-F Click to download

File Size   161.69 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 500mW Two Terminals SMD Zener Diodes

MMSZ5259B-F Datasheet (HTML) - TAITRON Components Incorporated


MMSZ5259B-F Product details

Features      

•Silicon Planar Zener Construction

•500mW Power Dissipation

•Zener Voltage 3.0v to 39v

•Standard Zener Voltage Tolerance is ±5% with a “B” suffix

•Ideal Suited for Automated Assembly Processes

•RoHS Compliance




Similar Part No. - MMSZ5259B-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5259B-7-F DIODES-MMSZ5259B-7-F Datasheet
99Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 18 - 2
logo
Pan Jit International I...
MMSZ5259B-AU PANJIT-MMSZ5259B-AU Datasheet
263Kb / 6P
SURFACE MOUNT SILICON ZENER DIODES
logo
Won-Top Electronics
MMSZ5259B-T1 WTE-MMSZ5259B-T1 Datasheet
75Kb / 4P
500mW SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
MMSZ5259B-TP MCC-MMSZ5259B-TP Datasheet
409Kb / 6P
500 mW Zener Diodes 2.4 to 39 Volts
More results


Similar Description - MMSZ5259B-F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
500mW ZENER DIODES
logo
TAITRON Components Inco...
BZT52C2V4 TAITRON-BZT52C2V4 Datasheet
213Kb / 4P
410mW Two Terminals SMD Zener Diodes
BZT52C2V4-F TAITRON-BZT52C2V4-F Datasheet
212Kb / 4P
410mW Two Terminals SMD Zener Diodes
BZT52C2V4WS TAITRON-BZT52C2V4WS Datasheet
184Kb / 5P
200mW Two Terminals SMD Zener Diodes
MMSZ4681 TAITRON-MMSZ4681 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
MMSZ4685-F TAITRON-MMSZ4685-F Datasheet
111Kb / 3P
500mW Two Terminals SMD Zener Diodes
MMSZ5225B TAITRON-MMSZ5225B Datasheet
203Kb / 6P
500mW Two Terminals SMD Zener Diodes
1N4148W TAITRON-1N4148W_13 Datasheet
420Kb / 7P
Two Terminals SMD Switching Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
Two Terminals SMD Switching Diodes
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
500mW ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com