Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB4M Datasheet (PDF) - TAITRON Components Incorporated

MB4M Datasheet PDF - TAITRON Components Incorporated
Part # MB4M
Download  MB4M Download
File Size   144.95 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 0.5A Glass Passivated Bridge Rectifier

MB4M Datasheet (PDF)

Go To PDF Page Download Datasheet
MB4M Datasheet PDF - TAITRON Components Incorporated

Part # MB4M
Download  MB4M Click to download

File Size   144.95 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 0.5A Glass Passivated Bridge Rectifier

MB4M Datasheet (HTML) - TAITRON Components Incorporated


MB4M Product details

Features

• Glass Passivated Die Construction

• Low Forward Voltage Drop

• High Current Capability

• High Surge Current Capability

• Plastic Material – UL Flammability 94V-0

• RoHS Compliant



 




Similar Part No. - MB4M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB4M GE-MB4M Datasheet
37Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB4M MCC-MB4M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
GOOD-ARK Electronics
MB4M GOOD-ARK-MB4M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
MB4M VISHAY-MB4M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Shanghai Lunsure Electr...
MB4M CHENYI-MB4M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
More results


Similar Description - MB4M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
MB10M CHENDA-MB10M Datasheet
564Kb / 3P
0.5A Glass Passivated Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
B05M ZSELEC-B05M Datasheet
47Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Yint Electroni...
MB1M YINT-MB1M Datasheet
476Kb / 3P
0.5A Surface Mount Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com