Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z2SMB18B Datasheet (PDF) - TAITRON Components Incorporated

Z2SMB18B Datasheet PDF - TAITRON Components Incorporated
Part # Z2SMB18B
Download  Z2SMB18B Download
File Size   195.14 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 2.0W Surface Mount Zener Diodes

Z2SMB18B Datasheet (PDF)

Go To PDF Page Download Datasheet
Z2SMB18B Datasheet PDF - TAITRON Components Incorporated

Part # Z2SMB18B
Download  Z2SMB18B Click to download

File Size   195.14 Kbytes
Page   4 Pages
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description 2.0W Surface Mount Zener Diodes

Z2SMB18B Datasheet (HTML) - TAITRON Components Incorporated


Z2SMB18B Product details

Features
• Low profile package
• Built-in strain relief
• Low inductance
• Complete voltage range 6.8 to 51V
• Typical ID less than 1.0µA above 11V
• High temperature soldering guaranteed: 260°C/10 seconds at terminals
• Low leakage current
• RoHS compliant

Mechanical Data
Case: JEDEC SMB (DO-214AA), molded plastic over passivated junction
Epoxy: Plastic package has UL flammability classification 94V-0
Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.003 ounce, 0.093 gram




Similar Part No. - Z2SMB18B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
Z2SMB18 DIOTEC-Z2SMB18 Datasheet
120Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB18 DIOTEC-Z2SMB18 Datasheet
97Kb / 2P
Surface Mount Silicon-Zener Diodes
logo
Semikron International
Z2SMB18 SEMIKRON-Z2SMB18 Datasheet
54Kb / 1P
Surface mount diode
Z2SMB18 SEMIKRON-Z2SMB18 Datasheet
182Kb / 3P
Zener silicon diodes
logo
Diotec Semiconductor
Z2SMB18 DIOTEC-Z2SMB18 Datasheet
93Kb / 2P
Surface Mount Silicon-Zener Diodes (non-planar technology)
More results


Similar Description - Z2SMB18B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Won-Top Electronics
1SMA2EZ3.0D5 WTE-1SMA2EZ3.0D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ6.2D5 WTE-1SMA2EZ6.2D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ20D5 WTE-1SMA2EZ20D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ30D5 WTE-1SMA2EZ30D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ36D5 WTE-1SMA2EZ36D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
1SMA2EZ100D5 WTE-1SMA2EZ100D5 Datasheet
100Kb / 6P
2.0W SURFACE MOUNT ZENER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com