Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP T670 Datasheet (PDF) - OSRAM GmbH

LP T670 Datasheet PDF - OSRAM GmbH
Part # LP T670
Download  LP T670 Download
File Size   173.46 Kbytes
Page   14 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description TOPLED®

LP T670 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP T670 Datasheet PDF - OSRAM GmbH

Part # LP T670
Download  LP T670 Click to download

File Size   173.46 Kbytes
Page   14 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description TOPLED®

LP T670 Datasheet (HTML) - OSRAM GmbH


LP T670 Product details

Features
• package: white P-LCC-2 package
• feature of the device: extremely wide viewing
angle; ideal for backlighting and coupling in light
guides
• wavelength: 628 nm (super-red), 606 nm
(orange), 587 nm (yellow), 570 nm (green),
560 nm (pure green)
• viewing angle: Lambertian Emitter (120°)
• technology: GaAlP (super-red, orange, yellow,
green), GaP (pure green)
• optical efficiency: 1.5 lm/W (super-red, orange,
yellow), 2.5 lm/W (green), 0.6 lm/W (pure green)
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8-mm tape with 2000/reel, ø180 mm
or 8000/reel, ø330 mm




Similar Part No. - LP T670

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LP T670-G2J2-1 AMSOSRAM-LP T670-G2J2-1 Datasheet
1Mb / 21P
TOPLED®
2018-04-03
More results


Similar Description - LP T670

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com