Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST19RF08 Datasheet (PDF) - STMicroelectronics

ST19RF08 Datasheet PDF - STMicroelectronics
Part # ST19RF08
Download  ST19RF08 Download
File Size   28.42 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications

ST19RF08 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST19RF08 Datasheet PDF - STMicroelectronics

Part # ST19RF08
Download  ST19RF08 Click to download

File Size   28.42 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications

ST19RF08 Datasheet (HTML) - STMicroelectronics


ST19RF08 Product details

HARDWARE DESCRIPTION
The ST19RF08, a member of the ST19 device family, is a serial access microcontroller especially designed for very large volume and cost competitive secure portable objects.

■ 8 BIT ARCHITECTURE CPU
■ 32 K Bytes of USER ROM WITH PARTITIONING
■ SYSTEM ROM FOR LIBRARIES
■ 960 Bytes of RAM WITH PARTITIONING
■ 8 K Bytes of EEPROM WITH PARTITIONING
    – Highly reliable CMOS EEPROM technology
    – 10 year data retention
    – 100,000 Erase/Write cycle endurance
    – Separate Write and Erase cycles for fast “1” programming
    – 1 to 64 bytes Erase or Program in 1 ms
■ SECURITY FIREWALLS FOR MEMORIES
■ VERY HIGH SECURITY FEATURES INCLUDING EEPROM FLASH PROGRAM
■ 8 BIT TIMER
■ HARDWARE DES ACCELERATOR
■ SOFTWARE DES LIBRARY
    – DES, triple DES, DESX computations
    – CBC chaining mode

CONTACT SPECIFIC FEATURES
■ SERIAL ACCESS, ISO 7816-3 COMPATIBLE
■ 3V ± 10% AND 5V ± 10% SUPPLY VOLTAGE
■ POWER SAVING STANDBY MODE
■ UP TO 10 MHz INTERNAL OPERATING FREQUENCY
■ CONTACT ASSIGNMENT COMPATIBLE ISO 7816-2
■ ESD PROTECTION GREATER THAN 5000V

CONTACTLESS SPECIFIC FEATURES
■ ISO 14443 TYPE B
■ 13.56 MHZ CARRIER FREQUENCY
■ HARDWARE CRC CALCULATION
■ 106, 212 and 424 KBIT/S DATA TRANSFER
■ AMPLITUDE MODULATION READER TO CARD
■ LOAD MODULATION CARD TO READER
■ INTERFACE WITH RF READERS SUPPORTED THROUGH A LIBRARY OF EMBEDDED SOFTWARE FUNCTION COMPATIBLE WITH ISO 14443 STANDARD.




Similar Part No. - ST19RF08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1900C IRF-ST1900C Datasheet
173Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
DC-DC Step-Up Converter for White LED Driver
ST1937S25RG STANSON-ST1937S25RG Datasheet
202Kb / 6P
DC-DC Step-Up Converter for White LED Driver
ST1937S35RG STANSON-ST1937S35RG Datasheet
202Kb / 6P
DC-DC Step-Up Converter for White LED Driver
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
DC-DC Step-Up Converter for White LED Driver
More results


Similar Description - ST19RF08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16600 STMICROELECTRONICS-ST16600 Datasheet
27Kb / 2P
Smartcard MCU With 512 Bytes EEPROM
ST16601 STMICROELECTRONICS-ST16601 Datasheet
27Kb / 2P
Smartcard MCU With 1088 Bytes EEPROM
ST16HF52 STMICROELECTRONICS-ST16HF52 Datasheet
26Kb / 2P
SmartCard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16R820 STMICROELECTRONICS-ST16R820 Datasheet
27Kb / 2P
Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
Oct-1999
ST16RF58 STMICROELECTRONICS-ST16RF58 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM for Contactless/Contact Applications
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
Smartcard MCU With 2048 Bytes EEPROM
ST16SF44 STMICROELECTRONICS-ST16SF44 Datasheet
28Kb / 2P
Smartcard MCU With 4096 Bytes EEPROM
ST16SF48 STMICROELECTRONICS-ST16SF48 Datasheet
28Kb / 2P
Smartcard MCU With 8176 Bytes EEPROM
ST16SF4F STMICROELECTRONICS-ST16SF4F Datasheet
28Kb / 2P
Smartcard MCU With 16352 Bytes EEPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com