Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS.55.A Datasheet (PDF) - Taoglas antenna solutions

PCS.55.A Datasheet PDF - Taoglas antenna solutions
Part # PCS.55.A
Download  PCS.55.A Download
File Size   27407.54 Kbytes
Page   72 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Small OTS LTE Antenna 600-3000 MHz

PCS.55.A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCS.55.A Datasheet PDF - Taoglas antenna solutions

Part # PCS.55.A
Download  PCS.55.A Click to download

File Size   27407.54 Kbytes
Page   72 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Small OTS LTE Antenna 600-3000 MHz

PCS.55.A Datasheet (HTML) - Taoglas antenna solutions


PCS.55.A Product details

Features:
Small form factor
SMD Dielectric Antenna
5G/4G/LTE: 600-3000MHz
GPS / GLONASS / Galileo / BeiDou (1561-1602MHz)
Available in North America (NA), European Union (EMEA), and World Wide (WW) configurations
Dimensions: 27*10*1.6mm
RoHS & REACH Compliant




Similar Part No. - PCS.55.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS.55.M TAOGLAS-PCS.55.M Datasheet
17Mb / 72P
Small OTS LTE Antenna 600-3000 MHz
Revision: A 2023-09-28
More results


Similar Description - PCS.55.A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51057 PASTERNACK-PE51057 Datasheet
194Kb / 1P
Dome style Antenna 800-3000 MHz, 3-6.5dBi
PE51058 PASTERNACK-PE51058 Datasheet
194Kb / 1P
Dome style Antenna 800-3000 MHz, 6-9dBi
PE51059 PASTERNACK-PE51059 Datasheet
110Kb / 1P
Dome style Antenna 800-3000 MHz, 3-6.5 dBi
logo
Pulse A Technitrol Comp...
W3796 PULSE-W3796_17 Datasheet
2Mb / 19P
LTE SMD ANTENNA
logo
Taoglas antenna solutio...
FXUB63070150C TAOGLAS-FXUB63070150C Datasheet
1Mb / 15P
LTE Wide Band Flex Antenna 698MHz -3000 MHz
FXUB63.07.0150C TAOGLAS-FXUB63.07.0150C_17 Datasheet
1Mb / 15P
LTE Wide Band Flex Antenna 698MHz -3000 MHz
logo
Renesas Technology Corp
F1423 RENESAS-F1423 Datasheet
4Mb / 27P
TX Differential Input RF Amplifier 600 MHz to 3000 MHz
logo
TE Connectivity Ltd
C-2118903 TEC-C-2118903 Datasheet
154Kb / 1P
ANTENNA, LTE
logo
Linx Technologies
ANT-450-RHR-SMA LINX-ANT-450-RHR-SMA Datasheet
1Mb / 8P
450 MHz Cellular LTE Antenna
2020
ANT-450-RHS-SMA LINX-ANT-450-RHS-SMA Datasheet
1Mb / 8P
450 MHz Cellular LTE Antenna
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com