Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS.27.A Datasheet (PDF) - Taoglas antenna solutions

PCS.27.A Datasheet PDF - Taoglas antenna solutions
Part # PCS.27.A
Download  PCS.27.A Download
File Size   3442.98 Kbytes
Page   25 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Wi-Fi 2.4/5.8/7.125GHz FR4 PIFA SMD Antenna

PCS.27.A Datasheet (PDF)

Go To PDF Page Download Datasheet
PCS.27.A Datasheet PDF - Taoglas antenna solutions

Part # PCS.27.A
Download  PCS.27.A Click to download

File Size   3442.98 Kbytes
Page   25 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Wi-Fi 2.4/5.8/7.125GHz FR4 PIFA SMD Antenna

PCS.27.A Datasheet (HTML) - Taoglas antenna solutions


PCS.27.A Product details

Features:
Low-profile SMD Antenna
WI-FI 2.4GHz/5.8/7.125 GHz
Dims: 12.0mm * 5.0mm * 3.1mm
RoHS & Reach Compliant




Similar Part No. - PCS.27.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS.25.A TAOGLAS-PCS.25.A Datasheet
2Mb / 22P
Wi-Fi / Bluetooth 2.4GHz FR4 Chip Antenna
Revision: A 2023-09-12
PCS.26.A TAOGLAS-PCS.26.A Datasheet
1Mb / 20P
Low Profile LTE/Cellular 2G/3G/4G SMD Dielectric Antenna
More results


Similar Description - PCS.27.A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
2.4 GHz Wi-Fi Embedded Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
2.4 GHz Wi-Fi Stubby Antenna
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
5.8 GHz Wi-Fi Directional Panel Antenna
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
FXP830240100B TAOGLAS-FXP830240100B Datasheet
453Kb / 14P
FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
FXP810070100C TAOGLAS-FXP810070100C Datasheet
978Kb / 12P
FXP.810 Freedom Wi-Fi 2.4/4.9-6GHz Series PIFA Antenna
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
2.4 GHz Wi-Fi Stubby Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com