Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS.06.M Datasheet (PDF) - Taoglas antenna solutions

PCS.06.M Datasheet PDF - Taoglas antenna solutions
Part # PCS.06.M
Download  PCS.06.M Download
File Size   2476.66 Kbytes
Page   29 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Havok

PCS.06.M Datasheet (PDF)

Go To PDF Page Download Datasheet
PCS.06.M Datasheet PDF - Taoglas antenna solutions

Part # PCS.06.M
Download  PCS.06.M Click to download

File Size   2476.66 Kbytes
Page   29 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description Havok

PCS.06.M Datasheet (HTML) - Taoglas antenna solutions


PCS.06.M Product details

Description:
Havok - Low Profile 4G Cellular SMD Dielectric Antenna

Features:
4G LTE Antenna
SMD Dielectric Antenna
3G/2G Fallback
698~960MHz/1710~2690MHz High Efficiency Multi-Band SMD antenna
Low profile
Dimensions: 42*10*3mm
RoHS & REACH Compliant




Similar Part No. - PCS.06.M

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS.06.A TAOGLAS-PCS.06.A Datasheet
2Mb / 21P
SMD Dielectric Antenna
PCS.06.A TAOGLAS-PCS.06.A Datasheet
2Mb / 22P
HAVOK-LOW PROFILE LTE
PCS.06.A TAOGLAS-PCS.06.A_17 Datasheet
2Mb / 22P
HAVOK-LOW PROFILE LTE
More results


Similar Description - PCS.06.M

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS06A TAOGLAS-PCS06A Datasheet
1Mb / 21P
havok - Low Profile LTE/Cellular 4g SMD Dielectric Antenna
PCS.06.A TAOGLAS-PCS.06.A_17 Datasheet
2Mb / 22P
HAVOK-LOW PROFILE LTE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com