Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX96705 Datasheet (PDF) - Analog Devices

MAX96705 Datasheet PDF - Analog Devices
Part # MAX96705
Download  MAX96705 Download
File Size   2211.11 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit GMSL Serializer with High-Immunity/Bandwidth Mode and Coax/STP Cable Drive

MAX96705 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX96705 Datasheet PDF - Analog Devices

Part # MAX96705
Download  MAX96705 Click to download

File Size   2211.11 Kbytes
Page   83 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit GMSL Serializer with High-Immunity/Bandwidth Mode and Coax/STP Cable Drive

MAX96705 Datasheet (HTML) - Analog Devices


MAX96705 Product details

Benefits and Features
●●Ideal for Safety Camera Applications
•Works with Low-Cost 50Ω Coax (100Ω STP) Cables
•Error Detection of Video/Control Data
•High-Immunity Mode for Robust Control-Channel EMC Tolerance
•Retransmission of Control Data Upon Error
Detection
•Best-in-Class Supply Current: 93mA (max)
•Pre/Deemphasis Allows 15m Cable at Full Speed
•32-Pin (5mm x 5mm) TQFN Package with 0.5mm Lead Pitch
●●High-Speed Data Serialization for Megapixel Cameras
•Up to 1.74Gbps Serial-Bit Rate
•12.5MHz to 87MHz x 14 Bit + H/V Data
•36.66MHz to 116MHz x 12-Bit + H/V Data
(through Internal Encoding)
●●Multiple Modes for System Flexibility
•9.6kbps to 1Mbps Control Channel in UART, I2C (with Clock Stretch), or UART-to-I2C Modes
•Crosspoint Switch Accepts Any Input Bitmap
•Modes for Encoded VSYNC and HSYNC
●●Reduces EMI and Shielding Requirements
•Programmable Output Spread Spectrum
•Tracks Spread Spectrum Applied at the Parallel Input
•1.7V to 3.6V I/O Supply
●●Peripheral Features for Camera Power-Up and Verification
•Built-In PRBS Generator for BER Testing
•Dedicated GPO for Camera Frame-Sync Trigger and Other Uses
•Remote/Local Wake-Up from Sleep Mode
●●Meets AEC-Q100 Automotive Specification
•-40°C to +115°C Operating Temperature
•±8kV Contact and ±15kV Air IEC 61000-4-2 and ISO 10605 ESD Protection




Similar Part No. - MAX96705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX96705A MAXIM-MAX96705A Datasheet
1Mb / 83P
16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96705AGTJ+** MAXIM-MAX96705AGTJ+** Datasheet
1Mb / 83P
16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96705AGTJ+T** MAXIM-MAX96705AGTJ+T** Datasheet
1Mb / 83P
16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96705AGTJ/V+ MAXIM-MAX96705AGTJ/V+ Datasheet
1Mb / 83P
16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96705AGTJ/V+T MAXIM-MAX96705AGTJ/V+T Datasheet
1Mb / 83P
16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
More results


Similar Description - MAX96705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9273 MAXIM-MAX9273 Datasheet
3Mb / 49P
22-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 6/12
MAX9271 MAXIM-MAX9271 Datasheet
3Mb / 49P
16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 0; 7/12
MAX9271 MAXIM-MAX9271_14 Datasheet
1Mb / 49P
16-Bit GMSL Serializer with Coax or STP Cable Drive
Rev 1; 11/12
MAX96709 MAXIM-MAX96709 Datasheet
1Mb / 66P
14-Bit GMSL Serializer with High-Immunity Mode
Rev 0; 2/16
MAX96706 MAXIM-MAX96706_V01 Datasheet
1Mb / 73P
14-Bit GMSL Deserializer with Coax or STP Cable Input
19-8248; Rev 2; 11/18
MAX96707 MAXIM-MAX96707 Datasheet
2Mb / 75P
14-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
19-7766; Rev 1; 8/21
MAX96711 MAXIM-MAX96711 Datasheet
2Mb / 84P
14-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
19-8471; Rev 2; 2/17
MAX9273 MAXIM-MAX9273_V01 Datasheet
2Mb / 49P
22-Bit GMSL Serializer with Coax or STP Cable Drive
19-6384; Rev 1; 11/12
MAX96701 MAXIM-MAX96701 Datasheet
1Mb / 75P
14-Bit GMSL Serializer with High-Immunity/Bandwidth Mode and Coax/STP Cable Drive
2017
MAX96705A MAXIM-MAX96705A Datasheet
1Mb / 83P
16-Bit GMSL Serializer with High-Immunity/ Bandwidth Mode and Coax/STP Cable Drive
2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com