Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH637 Datasheet (PDF) - Panasonic Semiconductor

TH637 Datasheet PDF - Panasonic Semiconductor
Part # TH637
Download  TH637 Download
File Size   131.13 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIN HALF SIZE HOUR METER

TH637 Datasheet (PDF)

Go To PDF Page Download Datasheet
TH637 Datasheet PDF - Panasonic Semiconductor

Part # TH637
Download  TH637 Click to download

File Size   131.13 Kbytes
Page   2 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIN HALF SIZE HOUR METER

TH637 Datasheet (HTML) - Panasonic Semiconductor


TH637 Product details

FEATURES
1. Compact to save panel space
The 24 × 48 mm hour meters are just half the DIN 48 × 48 standard
size. They help save the panel space.
2. Reset button
The hour meters can be reset to zero (TH64).
3. Wide-ranging measurement display
The measurement can be displayed from 0.1 hour up to
99999.9 hours (TH63). The dial size is the same as that of 48 ×
48 DIN size hour meters (TH14 and TH24 series).
4. Easy to install
The flat terminals (#187) are used for easier wiring. There is no
need to undo the lock spring.
5. High-performance sync motor with 50/60 Hz selector
The noise-resistant, accurately turning motor is employed to
provide for longer period of measurement. The power frequency
can be selected for 50 or 60 Hz.
6. Rotary indicator
NAiS’s original moire pattern mechanism helps watch the rotary
indicator for quick monitoring (one turn every 72 seconds).
7. CE marking
The hour meters satisfy EMC directives (EN50081-2/
EN50082-2) and low-voltage directives (EN61010-1).




Similar Part No. - TH637

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TH637 PANASONIC-TH637 Datasheet
194Kb / 1P
Hour Meter (half size)
More results


Similar Description - TH637

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LH2H-F-DHK PANASONIC-LH2H-F-DHK Datasheet
167Kb / 8P
DIN HALF SIZE HOUR METER
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
Low-Cost Watt-Hour Energy Meter
logo
FOTEK CONTROLS CO., LTD...
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
DIN 72x72 COUNTER&METER
logo
NHP Electrical Engineer...
D20-240V NHP-D20-240V Datasheet
607Kb / 2P
HOUR RUN METER 240V AC (ANYA3)
11 October 2022,
RQ4801080VDC NHP-RQ4801080VDC Datasheet
947Kb / 2P
HOUR RUN METER 10-80V DC
25 March 2023,
RQ48024VAC NHP-RQ48024VAC Datasheet
948Kb / 2P
HOUR RUN METER 24V 50Hz AC
11 October 2022,
RQ480415VAC NHP-RQ480415VAC Datasheet
948Kb / 2P
HOUR RUN METER 415V 50Hz AC
11 October 2022,
RQ7201080VDC NHP-RQ7201080VDC Datasheet
859Kb / 2P
HOUR RUN METER 10-80V DC 72mm
11 October 2022,
RQ720240V NHP-RQ720240V Datasheet
948Kb / 2P
HOUR RUN METER 240V 50Hz AC
11 October 2022,
RQ72024V NHP-RQ72024V Datasheet
948Kb / 2P
HOUR RUN METER 24V AC
11 October 2022,
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com