Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT0506 Datasheet (PDF) - DFROBOT

FIT0506 Datasheet PDF - DFROBOT
Part # FIT0506
Download  FIT0506 Download
File Size   320.43 Kbytes
Page   1 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Pure Copper Heatsink Pack x 5

FIT0506 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIT0506 Datasheet PDF - DFROBOT

Part # FIT0506
Download  FIT0506 Click to download

File Size   320.43 Kbytes
Page   1 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Pure Copper Heatsink Pack x 5

FIT0506 Datasheet (HTML) - DFROBOT


FIT0506 Product details

SPECIFICATION
 Pure copper
 Includes adhesive pad
 Dimensions (per unit): 13.2 x 12.1 x 4.8 mm / 0.52 x 0.48 x 0.19"
 Weight: 32g




Similar Part No. - FIT0506

ManufacturerPart #DatasheetDescription
logo
DFROBOT
FIT0502 DFROBOT-FIT0502 Datasheet
476Kb / 3P
Stereo Enclosed Speaker - 3W 8Ω
FIT0504 DFROBOT-FIT0504 Datasheet
62Kb / 2P
Aluminum Heatsink Cooling Fan for LatteP
FIT0507 DFROBOT-FIT0507 Datasheet
565Kb / 2P
Operating Voltage: 2x AG13 button cells
More results


Similar Description - FIT0506

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATPG-L52C ETC-ATPG-L52C Datasheet
397Kb / 5P
5 Pure Green LED LAMP
logo
OptoSupply Internationa...
OSTB0603C1A-A_N OPTOSUPPLY-OSTB0603C1A-A_N Datasheet
228Kb / 4P
1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD
OSTB0603C1C-A OPTOSUPPLY-OSTB0603C1C-A Datasheet
228Kb / 4P
1.6 x 1.5 x 0.5mm Red & Pure green & Blue SMD
OSTG1608C1A OPTOSUPPLY-OSTG1608C1A Datasheet
511Kb / 9P
1..6 x 0.8 x 0..4mm Pure Green SMD
logo
LUMEX INC.
SSL-LX2573PGW-TD LUMEX-SSL-LX2573PGW-TD Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR, 555mm Pure Green LED
logo
Tripp Lite. All Rights ...
P350-10N-10 TRIPPLITE-P350-10N-10 Datasheet
156Kb / 2P
Hook-and-Loop Cable Ties, 10" L x 5/8" W - 10-Pack
logo
SparkFun Electronics
TOL-14974 SPARKFUN-TOL-14974 Datasheet
47Kb / 1P
FR1 Copper Clad - Single Sided 2x3in (10 Pack)
10-4-18
TOL-14975 SPARKFUN-TOL-14975 Datasheet
198Kb / 1P
FR1 Copper Clad Double Sided 2x3in (10 Pack)
10-4-18
TOL-14976 SPARKFUN-TOL-14976 Datasheet
59Kb / 1P
FR1 Copper Clad - Single Sided 4x6in (10 Pack)
10-4-18
logo
Kendall Howard
1903-1-112-00 KENDALLHOWARD-1903-1-112-00 Datasheet
71Kb / 1P
Bar - 5" Horizontal Lacing (10 PACK)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com