Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT0419 Datasheet (PDF) - DFROBOT

FIT0419 Datasheet PDF - DFROBOT
Part # FIT0419
Download  FIT0419 Download
File Size   174.13 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Insulation resistance: 100V/DC/ 1.0MΩ

FIT0419 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIT0419 Datasheet PDF - DFROBOT

Part # FIT0419
Download  FIT0419 Click to download

File Size   174.13 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Insulation resistance: 100V/DC/ 1.0MΩ

FIT0419 Datasheet (HTML) - DFROBOT


FIT0419 Product details

SPECIFICATION
 Rated voltage: 6V
 Gear ratio: 1∶171
 No-load current: ≤ 45mA
 Starting torque: 550g·cm(MIN)
 Output shaft length: 3±0.5mm
 Insulation resistance: 100V/DC/ 1.0MΩ
 No-load speed: 110±11RPM
 Waveform: Sinusoidal waveform
 Noise:<60db(Ambient noise 30db)
 Direction:CW




Similar Part No. - FIT0419

ManufacturerPart #DatasheetDescription
logo
DFROBOT
FIT0449 DFROBOT-FIT0449 Datasheet
178Kb / 7P
DFRobot Speaker v1.0 SKU: FIT0449
FIT0471 DFROBOT-FIT0471 Datasheet
81Kb / 2P
DC-DC Boost Module (0.9-5V)
FIT0474 DFROBOT-FIT0474 Datasheet
252Kb / 2P
Acrylic Case for LattePanda V1 Cooling Fan Compatible!
FIT0475 DFROBOT-FIT0475 Datasheet
240Kb / 2P
Plywood Case for LattePanda V1
FIT0476 DFROBOT-FIT0476 Datasheet
699Kb / 3P
10.1" Diagonal - 1280x800 IPS HDMI/VGA/AV Display
More results


Similar Description - FIT0419

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-049 CUI-PJ-049 Datasheet
261Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN : 500V DC
PP-016 CUI-PP-016 Datasheet
215Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
logo
E-SWITCH
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
logo
DB Lectro Inc
90D DBLECTRO-90D Datasheet
778Kb / 2P
High Insulation Resistance
95D DBLECTRO-95D Datasheet
1Mb / 4P
High Insulation Resistance
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1461A KEYSIGHT-U1461A Datasheet
672Kb / 20P
Insulation Resistance Testers
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com