Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIT0356 Datasheet (PDF) - DFROBOT

FIT0356 Datasheet PDF - DFROBOT
Part # FIT0356
Download  FIT0356 Download
File Size   422.74 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Digital RGB LED Weatherproof Strip 60 LED 1 m)

FIT0356 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIT0356 Datasheet PDF - DFROBOT

Part # FIT0356
Download  FIT0356 Click to download

File Size   422.74 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Digital RGB LED Weatherproof Strip 60 LED 1 m)

FIT0356 Datasheet (HTML) - DFROBOT


FIT0356 Product details

FEATURES  Integrated control circuit and RGB chip  Built-in signal reshaping circuit  Built-in electric reset circuit and power lost reset circuit  Each pixel of the three primary color can achieve 256 brightness display,16777216 full color display,scan frequency no less than 400Hz/s
Cascading port transmission signal by single line
Data speed: 800Kbps
over 50,000 hours life




Similar Part No. - FIT0356

ManufacturerPart #DatasheetDescription
logo
DFROBOT
FIT0367 DFROBOT-FIT0367 Datasheet
245Kb / 2P
Self Adhesive Pure Copper Heatsink
More results


Similar Description - FIT0356

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-SFRGB5C01 BVLED-BVM-SFRGB5C01 Datasheet
138Kb / 5P
RGB LED STRIP LIGHT
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-150-12VWWF FORYARD-FYSH-5050RGB-150-12VWWF Datasheet
735Kb / 7P
Waterproof Flexible RGB LED Strip With White PCB
logo
OptoSupply Internationa...
OSPPR3XT5-TCXBEAC1E OPTOSUPPLY-OSPPR3XT5-TCXBEAC1E Datasheet
106Kb / 1P
3PCS Xeon 1 Power RGB LED
logo
List of Unclassifed Man...
QBLP679-RGB3 ETC2-QBLP679-RGB3 Datasheet
383Kb / 8P
PLCC6 RGB LED
logo
BetLux Electronics
TLS-SMD-10F-RGB BETLUX-TLS-SMD-10F-RGB Datasheet
96Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-30 BETLUX-TLS-SMD-10F-RGB-30 Datasheet
101Kb / 1P
LED strip light, RGB color, Top LED type, Flexible, Water Proof
REV NO: V.2
TLS-SMD-10F-RGB-30N BETLUX-TLS-SMD-10F-RGB-30N Datasheet
101Kb / 1P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
TLS-SMD-10F-RGB-60 BETLUX-TLS-SMD-10F-RGB-60 Datasheet
109Kb / 2P
LED strip light, RGB color, Top LED type, Flexible , Water Proof
REV NO: V.2
TLS-SMD-10F-RGB-60N BETLUX-TLS-SMD-10F-RGB-60N Datasheet
109Kb / 2P
LED strip light, RGB color, Top LED type, Flexible
REV NO: V.2
logo
SparkFun Electronics
COM-12025 SPARKFUN-COM-12025 Datasheet
218Kb / 1P
LED RGB Strip - Addressable, Bare (1m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com