Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRI0050 Datasheet (PDF) - DFROBOT

DRI0050 Datasheet PDF - DFROBOT
Part # DRI0050
Download  DRI0050 Download
File Size   1226.39 Kbytes
Page   35 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Input Voltage Range: 5~24V

DRI0050 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRI0050 Datasheet PDF - DFROBOT

Part # DRI0050
Download  DRI0050 Click to download

File Size   1226.39 Kbytes
Page   35 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Input Voltage Range: 5~24V

DRI0050 Datasheet (HTML) - DFROBOT


DRI0050 Product details

Features
Python code programming, no motherboard or adapter required. Directly connected to PCvia a USB cable, simple and easy to use.
Windows software control, no programming required, plug and play.
UART communication control, convenient for long-term use of embedded equipment.
External potentiometer control, manual control, no programming required.
Standard MODBUS protocol. The protocol is public so you can flexibly customize your owncontrol method.
Applications
Control by Python code
1.
Connect the USB interface, you can directly use Python code to automatically control themotor speed and lighting effect. No additional motherboard or adapter is required.
2.
Can be very conveniently used on Windows computers, Apple computers, Raspberry Pi,industrial computers or LattePanda.
Control by Windows computer
1.
When remaking a PC cooling fan, cooling water pump, etc, you can manually control thedevice on PC, or make it be automatically adjusted by reading the CPU temperature.
2.
Because the host computer can accurately adjust the frequency and duty ratio, this drivercan be used to test dc motor or light strip products, or to optimize small equipment.
3.
Make a small fan whose wind speed can be automatically adjusted or controlled on the




Similar Part No. - DRI0050

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DRI0001 DFROBOT-DRI0001 Datasheet
147Kb / 5P
Arduino Motor Shield (L293) (SKU: DRI0001)
DRI0002 DFROBOT-DRI0002 Datasheet
270Kb / 7P
MD1.3 2A Dual Motor Controller SKU DRI0002
DRI0009 DFROBOT-DRI0009 Datasheet
531Kb / 8P
Arduino Motor Shield (L298N) (SKU:DRI0009)
DRI0017 DFROBOT-DRI0017 Datasheet
224Kb / 6P
2A Motor Shield For Arduino Twin) (SKU:DRI0017)
5-3-17
DRI0018 DFROBOT-DRI0018 Datasheet
382Kb / 9P
DC Motor Driver 2x15A Lite (SKU: DRI0018)
More results


Similar Description - DRI0050

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6650 TI-PT6650 Datasheet
242Kb / 5P
5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
Input Voltage range
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
5 to 36V input voltage range
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
Input voltage range
Rev. C
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
Total voltage input within the range of 5 % of total voltage input.
logo
Maxim Integrated Produc...
MAX8751EVKIT MAXIM-MAX8751EVKIT Datasheet
320Kb / 9P
8V to 24V Input Range
Rev 0; 1/06
MAX8709EVKIT MAXIM-MAX8709EVKIT Datasheet
701Kb / 7P
7V to 24V Input Range
Rev 1; 4/04
logo
TiMOTION Technology Co....
TID1 TIMOTION-TID1 Datasheet
461Kb / 3P
Input Voltage 12V DC, 24V DC
20230925-E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com