Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0998 Datasheet (PDF) - DFROBOT

DFR0998 Datasheet PDF - DFROBOT
Part # DFR0998
Download  DFR0998 Download
File Size   289.25 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description High precision, ±3.8ppm@25℃

DFR0998 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0998 Datasheet PDF - DFROBOT

Part # DFR0998
Download  DFR0998 Click to download

File Size   289.25 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description High precision, ±3.8ppm@25℃

DFR0998 Datasheet (HTML) - DFROBOT


DFR0998 Product details

Features
Low power consumption, operating current of only 1.8μA when powered by button cell battery High precision, ±3.8ppm@25℃ Integrated temperature compensator, small temperature drift Readable button cell voltage Built-in 70Byte SRAM
Applications
Event Reminder Countdown Devices MCU External Wake-up Source Clock & Alarm Output IoT Data Collection & Storage




Similar Part No. - DFR0998

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0992-EN DFROBOT-DFR0992-EN Datasheet
774Kb / 7P
4 Pre-Loaded Vision AI Models for Beginner Projects
DFR0997 DFROBOT-DFR0997 Datasheet
197Kb / 4P
DFR0997 Gravity: 2.0 Inch IPS Color Serial Display with I2C & UART
More results


Similar Description - DFR0998

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W501C01B00 MURATA1-PV36W501C01B00_V01 Datasheet
231Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X103C01B00 MURATA1-PV36X103C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X104C01B00 MURATA1-PV36X104C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X200C01B00 MURATA1-PV36X200C01B00 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X205C01B00 MURATA1-PV36X205C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X500C01B00 MURATA1-PV36X500C01B00_V01 Datasheet
233Kb / 3P
High resolution 25-turns potentiometer enables precision adjustment easily
08/30/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com