Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAIS50 Datasheet (PDF) - LEM

HAIS50 Datasheet PDF - LEM
Part # HAIS50
Download  HAIS50 Download
File Size   813.76 Kbytes
Page   3 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Current Transducer

HAIS50 Datasheet (PDF)

Go To PDF Page Download Datasheet
HAIS50 Datasheet PDF - LEM

Part # HAIS50
Download  HAIS50 Click to download

File Size   813.76 Kbytes
Page   3 Pages
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM
Description Current Transducer

HAIS50 Datasheet (HTML) - LEM


HAIS50 Product details

Features
· Hall effect measuring principle
· Galvanic isolation between primary
and secondary circuit
· Isolation test voltage 2500V
· Low power consumption
· Single power supply +5V
· Fixed offset & gain
· Bus bar version available for 50A and
100A ratings.
· Isolated plastic case recognized
according to UL94-V0.




Similar Part No. - HAIS50

ManufacturerPart #DatasheetDescription
logo
LEM
HAIS50 LEM-HAIS50 Datasheet
800Kb / 3P
Current Transducer
HAIS50-P LEM-HAIS50-P Datasheet
800Kb / 3P
Current Transducer
HAIS50-P LEM-HAIS50-P_12 Datasheet
592Kb / 3P
Current Transducer
HAIS50-TP LEM-HAIS50-TP Datasheet
592Kb / 3P
Current Transducer
HAIS50-TP1 LEM-HAIS50-TP1 Datasheet
800Kb / 3P
Current Transducer
More results


Similar Description - HAIS50

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com