Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1305 Datasheet (PDF) - STMicroelectronics

ST1305 Datasheet PDF - STMicroelectronics
Part # ST1305
Download  ST1305 Download
File Size   39.98 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High Endurance CMOS 192 bit EEPROM With Secure Logic Access Control

ST1305 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST1305 Datasheet PDF - STMicroelectronics

Part # ST1305
Download  ST1305 Click to download

File Size   39.98 Kbytes
Page   2 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High Endurance CMOS 192 bit EEPROM With Secure Logic Access Control

ST1305 Datasheet (HTML) - STMicroelectronics


ST1305 Product details

DESCRIPTION
The ST1305 is a 192-bit EEPROM device with associated security logic to control memory access. The circuit includes counting capabilities and thus is very well adapted to prepaid card applications.

■ Single 5 V Supply Voltage
■ Programming Time: 5 ms
■ Memory Divided Into:
    – 16 bits of Circuit Identification
    – 48 bits of Card Identification
    – 48 bits of Count Data
    – 16 bits of Certificate
    – 48 bits of Transport Code
    – 64 bits of Issuer Data
■ Counting Capability up to 262,144 Units
■ Circuit Protected by Transport Code for Delivery from ST to the Customer
■ 5 External Contacts Only (ISO 7816 Compatible)
■ Answer to Reset (Fully Compatible with ISO 7816-3)
■ E.S.D. Protection Greater Than 4000 V
■ Power-On and Low VCC Reset
■ 10 Years Data Retention
■ 1 Million Erase/Write Cycles Endurance




Similar Part No. - ST1305

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1305B-D10 STMICROELECTRONICS-ST1305B-D10 Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1305B-D15 STMICROELECTRONICS-ST1305B-D15 Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1305B-W4 STMICROELECTRONICS-ST1305B-W4 Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
More results


Similar Description - ST1305

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05SC24 MOTOROLA-MC68HC05SC24 Datasheet
86Kb / 2P
Secure 8-bit microcomputer with EEPROM
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-Bit Parallel Access Register
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
4K-Bit Secure Access Serial E2PROM
logo
Texas Instruments
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
NXP Semiconductors
PCA24S08 PHILIPS-PCA24S08 Datasheet
122Kb / 16P
1024 짰8-bit CMOS EEPROM with access protection
2004 May 10
logo
Texas Instruments
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
NXP Semiconductors
PCA24S08A NXP-PCA24S08A Datasheet
210Kb / 24P
1024 x 8-bit CMOS EEPROM with access protection
Rev. 01-19 January 2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com