Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS2622D Datasheet (PDF) - NXP Semiconductors

FS2622D Datasheet PDF - NXP Semiconductors
Part # FS2622D
Download  FS2622D Download
File Size   1509.48 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Safety System Basis Chip with Low Power for ASIL D / ASIL B

FS2622D Datasheet (PDF)

Go To PDF Page Download Datasheet
FS2622D Datasheet PDF - NXP Semiconductors

Part # FS2622D
Download  FS2622D Click to download

File Size   1509.48 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Safety System Basis Chip with Low Power for ASIL D / ASIL B

FS2622D Datasheet (HTML) - NXP Semiconductors


FS2622D Product details

2 General description
Devices in the FS26 automotive safety System Basis Chip (SBC) family are designed to support entry and midrange
safety microcontrollers, like those in the S32K3 series. FS26 devices have multiple power supplies and
the flexibility to work with other microcontrollers targeting automotive electrification. Possible FS26 applications
include power train, chassis, safety and low-end gateway technology.
This family of devices consist of several versions that are pin to pin and software compatible. These versions
support a wide range of applications with Automotive Safety Integrity Levels (ASIL) B or D, offering choices in
number of output rails, output voltage settings, operating frequencies, power up sequencing, and integrated
system level features.
The FS26 features multiple switch mode regulators and low dropout (LDO) voltage regulators to supply the
microcontroller, sensors, peripheral ICs and communication interfaces. It offers a high precision reference
voltage supply for the system, and for two independent tracking regulators. The FS26 also offers various
functionality for system control and diagnostics, including an analog multiplexer, General Purpose Input/Outputs
(GPIOs), and selectable wakeup events from I/O, long duration timer or Serial-Peripheral Interface (SPI)
communication.
The FS26 is developed in compliance with the ISO26262 standard, and includes enhanced safety features
with multiple fail-safe outputs. It uses the latest on-demand latent fault monitoring, and can be part of a safetyoriented
system partitioning scheme covering both ASIL B and ASIL D safety integrity levels.
3 Features and benefits
Operating range
• 40 V DC maximum input voltage
• Support operating voltage range down to battery 3.2 V with VBST
• Support operating voltage range down to battery 6 V without VBST
• Low Power OFF mode with 30 μA quiescent current
• Low Power Standby mode with 29 μA quiescent current with VPRE active. LDO1 or LDO2 activation
selectable via OTP configuration. GPIO1 or GPIO2 activation selectable via SPI communication.
Power supplies
• VPRE: Synchronous buck converter with integrated FETs. Configurable output voltage and switching
frequency, output DC current capability up to 1.5 A and PFM mode for Low Power Standby mode operation.
• VCORE: Synchronous buck converter with integrated FETs. VCORE is dedicated for microcontroller core
supply. Output DC current up to 0.8 A or 1.65 A (depending on part number), output voltage range setting
from 0.8 V to 3.35 V.
• VBST: Asynchronous boost controller with external low-side switch, diode, and current sense resistor. VBST
is configurable as front-end supply to withstand low voltage cranking profiles or in back-end supply with
configurable output voltage and scalable output DC current capability.
• LDO1: LDO regulator for microcontroller I/O support with selectable output voltage between 3.3 V and 5.0 V
and up to 400 mA current capability.
• LDO2: LDO regulator for system peripheral support with selectable output voltage between 3.3 V and 5.0 V
and up to 400 mA current capability.
• VREF: High-precision reference voltage with 0.75 % accuracy for External ADC reference and internal
tracking reference.
• TRK1 and TRK2: Voltage tracking regulators with selectable output voltage between VREF, LDO2, or Internal
LDO reference. Support high-voltage protection for ECU off board operation. Each Tracker has a current
capability up to 150 mA.
System support
• Two wake-up inputs with high-voltage support for system robustness
• Two programmable GPIO with wake-up capability or HS/LS driver
• Programmable long duration timer (LDT) for system shutdown and wake-up control
• Monitoring of system voltages (Including Battery voltage monitoring) through the analog multiplexer
• Selectable wake-up sources from: WAKE/GPIO pins, LDT, or SPI activity
• Device control via 32-bit SPI interface with cyclic redundancy checks (CRC)
Compliance
• Electromagnetic compatibility (EMC) optimization techniques for switching regulators, including spread
spectrum, slew rate control, and manual frequency tuning.
• Electromagnetic interference (EMI) robustness supporting various automotive EMI test standards.
Functional safety
• Scalable portfolio from Automotive Safety Integrity Levels (ASIL) B to D
• Independent monitoring circuitry, dedicated interface for microcontroller monitoring, simple or challenger
watchdog function
• Analog built-in self-test (ABIST) and Logical Built-In Self-Test (LBIST) at start up
• Analog built-in self-test (ABIST) on demand
• Safety outputs with latent fault detection mechanism (RSTB, FS0B, FS1B)
4 Applications
xEV and powertrain market
• Inverter
• Onboard charger (OBC), DCDC
• Battery management system (BMS)
• Belt starter generator (BSG)
Body market
• Gateway
• Zonal control
• Body controller
• Smart junction box
Safety and chassis
• Suspension
• Power steering
MCU attach
• NXP S32K3 family
• Infineon AURIX family (TC2xx and TC3xx)
• Renesas RH850 family
• Cypress Traveo family




Similar Part No. - FS2622D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FS26 GOOD-ARK-FS26 Datasheet
358Kb / 4P
Surface Mount Schottky Rectifier
logo
NXP Semiconductors
FS26 NXP-FS26 Datasheet
2Mb / 156P
Safety system basis chip with low power for ASIL D/ASIL B
Rev. 6.0 - 12 December 2025
logo
Power-One
FS2660-7R POWER-ONE-FS2660-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
More results


Similar Description - FS2622D

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX92292 MELEXIS-MLX92292 Datasheet
616Kb / 11P
關-Power Programmable ASIL B capable Hall Effect Switch/Latch
logo
STMicroelectronics
SGP-TC-EVK STMICROELECTRONICS-SGP-TC-EVK Datasheet
898Kb / 6P
Evaluation Kit for SPC58 Gateway enhanced by Telemaco3P ASIL-B Processor
04-Mar-2020
logo
NXP Semiconductors
FS6500 NXP-FS6500 Datasheet
740Kb / 20P
Safety Power System Basis Chip with CAN FD and LIN
Rev.1.0-14 December 2017
logo
Infineon Technologies A...
TLE5045IC-R050 INFINEON-TLE5045IC-R050 Datasheet
498Kb / 12P
High End GMR Wheel Speed Sensor, ASIL B(D)
Revision 1.0 2018-11-06
TLE5046IC INFINEON-TLE5046IC Datasheet
536Kb / 14P
High End GMR Wheel Speed Sensor with direction detection, ASIL B(D)
Revision 2.0 2020-06-30
logo
STMicroelectronics
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
logo
Allegro MicroSystems
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com