Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFR0845 Datasheet (PDF) - DFROBOT

DFR0845 Datasheet PDF - DFROBOT
Part # DFR0845
Download  DFR0845 Download
File Size   907.27 Kbytes
Page   13 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Power Supply Voltage: 3.3~5V

DFR0845 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR0845 Datasheet PDF - DFROBOT

Part # DFR0845
Download  DFR0845 Click to download

File Size   907.27 Kbytes
Page   13 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Power Supply Voltage: 3.3~5V

DFR0845 Datasheet (HTML) - DFROBOT


DFR0845 Product details

Features
Adopt Jinshengyang's UART to RS485 module and power module to ensure signal isolationand power isolation.
Industrial-grade RS485Connector for easy connectionto various RS485 interfacedevices.
12V power output, the maximumoutput current is about 160mA,convenient for testing small loadRS485 device.
3.3V, 5V level compatibilityfunction at UART, supportingmore main controllers.
Immersion gold technology,high-quality PCB.
Onboard 120Ω terminalmatching resistance, which can




Similar Part No. - DFR0845

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0848 DFROBOT-DFR0848 Datasheet
2Mb / 14P
Gravity Expansion Board for Raspberry Pi Pico Wiki
2023/10/12
More results


Similar Description - DFR0845

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5296FP MITSUBISHI-M5296FP Datasheet
367Kb / 9P
5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TINER IC
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
15-May-1998
logo
Panasonic Semiconductor
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
5V single power supply (regulator)
logo
Toshiba Semiconductor
TD62650FG TOSHIBA-TD62650FG Datasheet
547Kb / 19P
5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
logo
Sanyo Semicon Device
L78MS05J SANYO-L78MS05J_06 Datasheet
347Kb / 7P
5V Constant-Voltage Power Supply with Strobe Line
logo
ATMEL Corporation
U2794B ATMEL-U2794B_05 Datasheet
437Kb / 15P
Supply Voltage 5V
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
5V DC power supply
Rev 0; 9/16
MAX33250ESHLD MAXIM-MAX33250ESHLD Datasheet
620Kb / 9P
5V, 500mA DC power supply
Rev 0; 9/18
logo
SparkFun Electronics
TOL-11296 SPARKFUN-TOL-11296 Datasheet
102Kb / 1P
Power Supply - 12V/5V (2A)
12/1/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com