Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

971-S Datasheet (PDF) - Linemaster Switch Corporation

971-S Datasheet PDF - Linemaster Switch Corporation
Part # 971-S
Download  971-S Download
File Size   79.81 Kbytes
Page   1 Pages
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation
Description Aquiline Foot Switch

971-S Datasheet (PDF)

Go To PDF Page Download Datasheet
971-S Datasheet PDF - Linemaster Switch Corporation

Part # 971-S
Download  971-S Click to download

File Size   79.81 Kbytes
Page   1 Pages
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation
Description Aquiline Foot Switch

971-S Datasheet (HTML) - Linemaster Switch Corporation


971-S Product details

• Maximum versatility, total performance
• SPDT, DPDT, or two-stage Operation.
• Rustproof and corrosionproof reinforced polymeric material for rugged duty.
• Two stage model has cast zinc cover and formed steel base
• Non-skid base pad.
• Raised ribs on treadle for positive traction during operation.
• Attractive non-glare finish. Custom colors, and color matching available with quantity orders.
• Integrated adjustable strain relief clamp accommodates cord sizes from .250 Dia. to .400 Dia.




Similar Part No. - 971-S

ManufacturerPart #DatasheetDescription
logo
Linemaster Switch Corpo...
971-SB LINEMASTER-971-SB Datasheet
80Kb / 1P
Aquiline Foot Switch
11/21/2012
logo
WECO ELECTRICAL CONNECT...
971-SLR WECO-971-SLR Datasheet
70Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
07.19
971-SLR-SMD-1.1 WECO-971-SLR-SMD-1.1 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/02 WECO-971-SLR-SMD-1.1/02 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
971-SLR-SMD-1.1/02-TR WECO-971-SLR-SMD-1.1/02-TR Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
04.19
More results


Similar Description - 971-S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com