Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4331 Datasheet (PDF) - Analog Devices

LTC4331 Datasheet PDF - Analog Devices
Part # LTC4331
Download  LTC4331 Download
File Size   1952.17 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I²C Slave Device Extender Over Rugged Differential Link

LTC4331 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4331 Datasheet PDF - Analog Devices

Part # LTC4331
Download  LTC4331 Click to download

File Size   1952.17 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description I²C Slave Device Extender Over Rugged Differential Link

LTC4331 Datasheet (HTML) - Analog Devices


LTC4331 Product details

FEATURES
Up to 1MHz Serial Clock, Fast-mode Plus (Fm+)
Selectable Link Baud Rates Extend I2C Up to
1200m
Protected from Overvoltage Line Faults to ±60V
±40kV ESD o Link Pins
IEC Level 4 ESD ±8kV and EFT ±5kV o Link Pins
Extended Commo Mode Range: ±15V
Remote Interrupt/SMBALERT and Control Signals
Low EMI Mode
SMBus 3.0 Compatible
I2C Idle Detection, and Stuck Bus Protection
I2C Device Address Sharing
3V to 5.5V Supply Voltage
1.62V to 5.5V Logic Supply
4mm × 5mm 20-Lead QF package




Similar Part No. - LTC4331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
02/21-REV.A
LTC4331 AD-LTC4331 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
I2C to CAN-Physical Transceiver
Rev. B
LTC4331 AD-LTC4331 Datasheet
1Mb / 22P
SPI Extender Over Rugged Differential Link
Rev. A
LTC4331CUFDPBF AD-LTC4331CUFDPBF Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results


Similar Description - LTC4331

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1023 NXP-UJA1023 Datasheet
1Mb / 49P
LIN-I/O slave
Rev. 5-17 August 2010
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
USB over Cat5 Extender Kit
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
PoE Extender over Hybrid Fiber
POT-0110 LVL1-POT-0110 Datasheet
221Kb / 2P
PoE Repeater over 2-wire (Slave)
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
HDMI over Cat.5 Extender kit
HVE-9200 LVL1-HVE-9200 Datasheet
435Kb / 3P
HDBaseT HDMI over Cat.5 Extender
logo
Generalplus Technology ...
GPBA02A GENERALPLUS-GPBA02A Datasheet
378Kb / 21P
I/O Extender
logo
Analog Devices
LTC4332 AD-LTC4332 Datasheet
432Kb / 20P
SPI Extender Over Rugged Differential Link
LTC4331 AD-LTC4331 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTC4332 AD-LTC4332_V01 Datasheet
1Mb / 22P
SPI Extender Over Rugged Differential Link
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com