Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWR09JB105JDC Datasheet (PDF) - Kemet Corporation

CWR09JB105JDC Datasheet PDF - Kemet Corporation
Part # CWR09JB105JDC
Download  CWR09JB105JDC Download
File Size   1685.29 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum Surface Mount Capacitors – MIL-PRF (CWR Style)

CWR09JB105JDC Datasheet (PDF)

Go To PDF Page Download Datasheet
CWR09JB105JDC Datasheet PDF - Kemet Corporation

Part # CWR09JB105JDC
Download  CWR09JB105JDC Click to download

File Size   1685.29 Kbytes
Page   17 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Tantalum Surface Mount Capacitors – MIL-PRF (CWR Style)

CWR09JB105JDC Datasheet (HTML) - Kemet Corporation


CWR09JB105JDC Product details

Benefits
• Established reliability options
• Tape & Reel standard packaging per EIA 481
• Symmetrical, compliant terminations
• Laser-marked case
• 100% surge current test available on all case sizes
• Qualified to MIL-PRF-55365/4 (CWR09 Style)
• Termination options B, C, H, and K
• Weibull failure options B, C, D, and T
• Exponential failure rates M, P, R, and S
• Voltage rating of 4 – 50 VDC
• Operating temperature range of −55°C to +125°C




Similar Part No. - CWR09JB105JDC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CWR09 AVX-CWR09 Datasheet
303Kb / 14P
TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Kemet Corporation
CWR09CB105JAA KEMET-CWR09CB105JAA Datasheet
147Kb / 10P
Tantalum Surface Mount Capacitor
CWR09CB105JAB KEMET-CWR09CB105JAB Datasheet
147Kb / 10P
Tantalum Surface Mount Capacitor
CWR09CB105JAC KEMET-CWR09CB105JAC Datasheet
147Kb / 10P
Tantalum Surface Mount Capacitor
CWR09CB105JBA KEMET-CWR09CB105JBA Datasheet
147Kb / 10P
Tantalum Surface Mount Capacitor
More results


Similar Description - CWR09JB105JDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
31-Jan-05
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
26-Jun-13
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
27-Feb-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
logo
Vishay Siliconix
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
22-Jun-17
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
26-Jan-16
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
26-Jan-16
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
Tantalum Surface Mount Capacitors ??MIL-PRF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com