Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSF0102DP Datasheet (PDF) - Nexperia B.V. All rights reserved

LSF0102DP Datasheet PDF - Nexperia B.V. All rights reserved
Part # LSF0102DP
Download  LSF0102DP Download
File Size   253.98 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit bidirectional multi-voltage level translator; open-drain; push-pull

LSF0102DP Datasheet (PDF)

Go To PDF Page Download Datasheet
LSF0102DP Datasheet PDF - Nexperia B.V. All rights reserved

Part # LSF0102DP
Download  LSF0102DP Click to download

File Size   253.98 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit bidirectional multi-voltage level translator; open-drain; push-pull

LSF0102DP Datasheet (HTML) - Nexperia B.V. All rights reserved


LSF0102DP Product details

General description
The LSF0102 and LSF0202 are both 2 channel bidirectional multi-voltage level translators for
open-drain and push-pull applications. The LSF0102 and LSF0202 support up to 100 MHz up
translation and ≥100 MHz down translation at ≤ 30 pF capacitive load. There is no need for a
direction pin which minimizes system effort. Both support 5 V tolerant I/O pins for compatibility with
TTL levels in a variety of applications. The ability to set up different voltage translation levels on
each channel makes the device very flexible and suitable for a lot of different applications.
LSF0102 and LSF0202 differ in pin assignment only.
Features and benefits
• Bidirectional voltage translation with no direction pin
• Up translation
• ≤ 100 MHz; CL = 30 pF
• ≤ 50 MHz; CL = 50 pF
• Down translation
• ≥ 100 MHz; CL = 30 pF
• ≥ 50 MHz; CL = 50 pF
• Hot insertion
• Bidirectional voltage level translation between:
• 0.95 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.2 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.8 V and 2.5 V, 3.3 V and 5.0 V
• 2.5 V and 3.3 V and 5.0 V
• 3.3 V and 5.0 V
• Low standby current
• 5 V tolerant I/O pins to support TTL
• Low RON provides less signal distortion
• High-impedance I/O pins for EN = Low
• Both, LSF0102 and LSF0202 support flow-through pinout for easy PCB trace routing
• Latch-up performance exceeds 100 mA per JESD78 class II level A
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Specified from -40 °C to +125 °C
Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C, and other interfaces in Telecom infrastructure
• Industrial
• Personal computing




Similar Part No. - LSF0102DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
LSF0102DP NEXPERIA-LSF0102DP Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
LSF0102DP NEXPERIA-LSF0102DP Datasheet
227Kb / 15P
2-bit bidirectional multi-voltage level translator; ope push-pull
Rev. 1 14 April 2020
LSF0102DP-Q100 NEXPERIA-LSF0102DP-Q100 Datasheet
211Kb / 12P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 4 September 2020
LSF0102DP-Q100 NEXPERIA-LSF0102DP-Q100 Datasheet
199Kb / 11P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 11 June 2020
LSF0102DP-Q100H NEXPERIA-LSF0102DP-Q100H Datasheet
199Kb / 11P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 11 June 2020
More results


Similar Description - LSF0102DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
LSF0101-Q100 NEXPERIA-LSF0101-Q100 Datasheet
198Kb / 11P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 3 October 2022
LSF0102-Q100 NEXPERIA-LSF0102-Q100 Datasheet
211Kb / 12P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 4 September 2020
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
NCA9306-Q100 NEXPERIA-NCA9306-Q100 Datasheet
200Kb / 11P
2-bit bidirectional multi-voltage level translator; open-drain;push-pull
Rev. 1 - 11 February 2022
LSF0108-Q100 NEXPERIA-LSF0108-Q100 Datasheet
215Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 30 July 2020
LSF0101 NEXPERIA-LSF0101 Datasheet
220Kb / 13P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 8 February 2022
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com