Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB-FW15. Datasheet (PDF) - Hammond Manufacturing Ltd.

RB-FW15. Datasheet PDF - Hammond Manufacturing Ltd.
Part # RB-FW15.
Download  RB-FW15. Download
File Size   140.44 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Economy Fixed Wall Mount Cabinet RB-FW Series 130 lbs Weight Capacity

RB-FW15. Datasheet (PDF)

Go To PDF Page Download Datasheet
RB-FW15. Datasheet PDF - Hammond Manufacturing Ltd.

Part # RB-FW15.
Download  RB-FW15. Click to download

File Size   140.44 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Economy Fixed Wall Mount Cabinet RB-FW Series 130 lbs Weight Capacity

RB-FW15. Datasheet (HTML) - Hammond Manufacturing Ltd.


RB-FW15. Product details

Horizontal Ring Cable Manager Universal Rack Shelf
Horizontal Lacing Strip Cable Lacing Bar
Outlet Strips Cabinet Fan Kits
Mounting Hardware
Features
Constructed in light duty 16-gauge steel.
Includes two (2) pairs of EIA-310-D compliant 19 inch square hole mounting rails.
Starter pack of (25) M6 screws, cage nuts and washers included.
For 10-32 hardware see the CAGKIT Series.
Rails are adjustable.
Includes one (1) locking tempered glass lightly smoked reversible front door.
Includes one (1) pair of locking removable side panels.
Front and side of frame includes venting for air flow.
Rear cable access.
Provision for optional fans on top panel.
Ships un-assembled - some assembly required.
Finished in black powder paint.
Tested to 130 lbs (59 kg) of equipment load capacity.
RoHS Compliant.
Part of the Rack Basics® line of economy rack solutions.
Accessories




Similar Part No. - RB-FW15.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RB-FW15 HAMMOND-RB-FW15 Datasheet
143Kb / 2P
Economy Fixed Wall Mount Cabinet RB-FW Series 130 lbs Weight Capacity
12/20/2018
More results


Similar Description - RB-FW15.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CD-1525 PANDUIT-CD-1525 Datasheet
270Kb / 1P
TOOL WEIGHT: 1.70 lbs./ 0.77 Kg
logo
Beckhoff Automation Gmb...
C6905 BECKHOFF-C6905 Datasheet
117Kb / 2P
Economy control cabinet Industrial PC
logo
Hammond Manufacturing L...
HWC3027U35BK HAMMOND-HWC3027U35BK Datasheet
316Kb / 4P
Swing-Out Sectional Wall Mount Rack Cabinet
1/9/22
HWFWD3036UWH HAMMOND-HWFWD3036UWH Datasheet
335Kb / 3P
Swing-Out Wall Mount and Floor Rack Cabinet
5/1/22
logo
Kendall Howard
3140-3-001-18 KENDALLHOWARD-3140-3-001-18 Datasheet
280Kb / 2P
LINIER FIXED WALL MOUNT CABINET- 18U GLASS DOOR
1915-3-100-08 KENDALLHOWARD-1915-3-100-08 Datasheet
362Kb / 1P
SECURITY WALL MOUNT CABINET
3140-3-001-06 KENDALLHOWARD-3140-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3140-3-001-09- KENDALLHOWARD-3140-3-001-09- Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3141-3-001-06 KENDALLHOWARD-3141-3-001-06 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
3142-3-001-09 KENDALLHOWARD-3142-3-001-09 Datasheet
3Mb / 2P
LINIER® FIXED WALL MOUNT CABINETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com