Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR0540 Datasheet (PDF) - Analog Devices

MBR0540 Datasheet PDF - Analog Devices
Part # MBR0540
Download  MBR0540 Download
File Size   660.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description iCoupler ADuM347x Quad-Channel Isolators with Integrated Transformer Driver Evaluation Board

MBR0540 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR0540 Datasheet PDF - Analog Devices

Part # MBR0540
Download  MBR0540 Click to download

File Size   660.41 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description iCoupler ADuM347x Quad-Channel Isolators with Integrated Transformer Driver Evaluation Board

MBR0540 Datasheet (HTML) - Analog Devices


MBR0540 Product details

FEATURES
2 independent ADuM347x circuits including 2.5 kVrms isolated dc-to-dc converters
Single supply
5 V in to 5 V out (regulated)
Reconfigurable to 5 V in to 3.3 V out or 3.3 V in to 3.3 V out
Double supply
5 V in to 15 V out (regulated) and 7.5 V out (unregulated)
Reconfigurable to 5 V in to 12 V out (regulated) and 6 V out (unregulated)
4 isolated 25 Mbps data channels per ADuM347x circuit
Footprints for Coilcraft and Halo transformer options
Multiple switching frequency options




Similar Part No. - MBR0540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR0540 FAIRCHILD-MBR0540 Datasheet
180Kb / 3P
1.0 Ampere Schottky Power Rectifiers
logo
Micro Commercial Compon...
MBR0540 MCC-MBR0540 Datasheet
90Kb / 2P
0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
Unisonic Technologies
MBR0540 UTC-MBR0540 Datasheet
83Kb / 3P
SCHOTTKY RECTIFIER DIODE
logo
ON Semiconductor
MBR0540 ONSEMI-MBR0540 Datasheet
152Kb / 13P
1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
MBR0540 ONSEMI-MBR0540 Datasheet
157Kb / 13P
1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
More results


Similar Description - MBR0540

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
EVAL-ADUM5401 AD-EVAL-ADUM5401 Datasheet
456Kb / 8P
Quad Isolators with isoPower Evaluation Board
REV. 0
ADUM3470 AD-ADUM3470 Datasheet
584Kb / 32P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. 0
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
Quad-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
Quad-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
Quad-Channel Isolators with Integrated DC-to-DC Converter
12/2020-Rev. 0 to Rev. A
ADUM3470 AD-ADUM3470_V01 Datasheet
793Kb / 36P
PWM Controller and Transformer Driver with Quad-Channel Isolators
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com