Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT110 Datasheet (PDF) - PANDUIT CORP.

PDT110 Datasheet PDF - PANDUIT CORP.
Part # PDT110
Download  PDT110 Download
File Size   174.62 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description NetKey Category 6A Punchdown Jack Module

PDT110 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDT110 Datasheet PDF - PANDUIT CORP.

Part # PDT110
Download  PDT110 Click to download

File Size   174.62 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description NetKey Category 6A Punchdown Jack Module

PDT110 Datasheet (HTML) - PANDUIT CORP.


PDT110 Product details

Category 6A/Class EA, 8-position keystone jack
module shall terminate unshielded twisted 4-pair,
22 – 26 AWG, 100 Ohm cable. Punchdown tool
properly terminates each conductor for optimum
performance. Universal label is color-coded T568A
and T568B wiring schemes.




Similar Part No. - PDT110

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PDT110 PANDUIT-PDT110 Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
PDT110 PANDUIT-PDT110 Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
PDT110 PANDUIT-PDT110 Datasheet
1Mb / 20P
NetKey Cabling System
2012
More results


Similar Description - PDT110

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NK6TMEI PANDUIT-NK6TMEI Datasheet
572Kb / 2P
NetKey Category 6 UTP Jack Modules
logo
Hubbell Incorporated.
HJ6AB HUBBELL-HJ6AB Datasheet
300Kb / 1P
Ascent Category 6A Jack
HJ6AEI25 HUBBELL-HJ6AEI25 Datasheet
295Kb / 1P
Ascent Category 6A Jack
HJ6AGL25 HUBBELL-HJ6AGL25 Datasheet
288Kb / 1P
Ascent Category 6A Jack
HJ6AGN HUBBELL-HJ6AGN Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AGN25 HUBBELL-HJ6AGN25 Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AOR HUBBELL-HJ6AOR Datasheet
285Kb / 1P
Ascent Category 6A Jack
HJ6AY HUBBELL-HJ6AY Datasheet
294Kb / 1P
Ascent Category 6A Jack
logo
PANDUIT CORP.
NKPP24P PANDUIT-NKPP24P Datasheet
97Kb / 2P
NetKey짰 Category 5e Punchdown Jack Modules
NKP5E88M PANDUIT-NKP5E88M Datasheet
162Kb / 2P
NetKey® Category 5e Component-Rated Punchdown Jack Modules
5/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com