Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NK6APC3 Datasheet (PDF) - PANDUIT CORP.

NK6APC3 Datasheet PDF - PANDUIT CORP.
Part # NK6APC3
Download  NK6APC3 Download
File Size   114.16 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description NetKey Category 6A UTP Patch Cords

NK6APC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NK6APC3 Datasheet PDF - PANDUIT CORP.

Part # NK6APC3
Download  NK6APC3 Click to download

File Size   114.16 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description NetKey Category 6A UTP Patch Cords

NK6APC3 Datasheet (HTML) - PANDUIT CORP.


NK6APC3 Product details

Category 6A/Class EA F/UTP patch cords are
constructed of 26 AWG shielded twisted pair
stranded copper cable with a UTP modular plug
on each end. Patch cords are offered in multiple
colored F/UTP cable for design flexibility with a
strain relief boot on each modular plug. All patch
cords are wired to be compatible with both T568A
and T568B wiring schemes.




Similar Part No. - NK6APC3

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NK60TP NELLSEMI-NK60TP Datasheet
397Kb / 5P
Nell High Power Products
NK60TP NELLSEMI-NK60TP Datasheet
713Kb / 5P
Three-Phase Bridge Thyristor
NK60TP12 NELLSEMI-NK60TP12 Datasheet
713Kb / 5P
Three-Phase Bridge Thyristor
NK60TP16 NELLSEMI-NK60TP16 Datasheet
713Kb / 5P
Three-Phase Bridge Thyristor
NK60TP NELLSEMI-NK60TP_17 Datasheet
713Kb / 5P
Three-Phase Bridge Thyristor
More results


Similar Description - NK6APC3

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
Category 6A S/FTP RJ45 Patch Cables
25-Mar-2010
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
PANDUIT CORP.
NK6TMEI PANDUIT-NK6TMEI Datasheet
572Kb / 2P
NetKey Category 6 UTP Jack Modules
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Bel Fuse Inc.
CA81-020M-01 BEL-CA81-020M-01 Datasheet
506Kb / 1P
Category 8.1 Patch Cords
SS-77100-015 BEL-SS-77100-015 Datasheet
1Mb / 2P
Category 8.2 Series Cable Jacks and Patch Cords
logo
PANDUIT CORP.
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
Category 5e Performance SD UTP Patch Cords
4/2014
CPP24FMWBLY PANDUIT-CPP24FMWBLY Datasheet
105Kb / 2P
TX6A??10Gig??UTP Patch Cords with MaTriX Technology
5/2011
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
logo
Belden Inc.
10GXW52 BELDEN-10GXW52 Datasheet
139Kb / 2P
10GXW (0.265”) Category 6A Cable, 4 Pair, F/UTP, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com