Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

704.955.1. Datasheet (PDF) - EAO AG.

704.955.1. Datasheet PDF - EAO AG.
Part # 704.955.1.
Download  704.955.1. Download
File Size   270.92 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Front bezel set for indicator and pushbutton, flush design

704.955.1. Datasheet (PDF)

Go To PDF Page Download Datasheet
704.955.1. Datasheet PDF - EAO AG.

Part # 704.955.1.
Download  704.955.1. Click to download

File Size   270.92 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Front bezel set for indicator and pushbutton, flush design

704.955.1. Datasheet (HTML) - EAO AG.


704.955.1. Product details

Mounting
Mounting cut-out Ø 30,5 mm
Design flush
Front
Front shape round
Front dimension Ø 35 mm
Front bezel colour natural anodized
Front bezel material Aluminium
Other Attributes
Weight 0,015 kg
IP-Rating
Front protection IP65
Actuator
Housing colour natural anodized
Housing material Aluminium




Similar Part No. - 704.955.1.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
704.955.1 EAO-704.955.1 Datasheet
1Mb / 7P
Illum pushbutton actuator
14.05.2013
704.955.1 EAO-704.955.1 Datasheet
5Mb / 85P
Switches and Indicators
01.2002
704.955.1 EAO-704.955.1 Datasheet
14Mb / 21P
22.5 mm 30.5 mm IP65 10 A 500 VAC
704.955.1 EAO-704.955.1 Datasheet
562Kb / 6P
22.5mm 30.5mm IP67 5A 250VAC
704.955.1 EAO-704.955.1 Datasheet
2Mb / 60P
Switches and Indicators
07.2009
More results


Similar Description - 704.955.1.

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
P1157S-871 AXIOMTEK-P1157S-871 Datasheet
356Kb / 2P
Robust aluminum with IP 65 compliant front bezel design
P1177S-871 AXIOMTEK-P1177S-871 Datasheet
358Kb / 2P
Robust aluminum with IP65 compliant front bezel design
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
ip65 aliminum front bezel
logo
Axiomtek Co., Ltd.
GOT5103W-845 AXIOMTEK-GOT5103W-845 Datasheet
474Kb / 2P
IP65 front bezel and IPX1 full enclosure design
GOT5840T-832 AXIOMTEK-GOT5840T-832 Datasheet
524Kb / 2P
Plastic and IP65-rated front bezel
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
IP65 aluminum front bezel
GOT5120T-832 AXIOMTEK-GOT5120T-832_16 Datasheet
512Kb / 2P
Plastic and IP65-rated front bezel
P1197E-861 AXIOMTEK-P1197E-861 Datasheet
438Kb / 2P
Robust aluminum with IP65 compliant front bezel design
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com