Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC1771 Datasheet (PDF) - Raspberry Pi Holdings PLC

SC1771 Datasheet PDF - Raspberry Pi Holdings PLC
Part # SC1771
Download  SC1771 Download
File Size   988.6 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi M.2 HAT

SC1771 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1771 Datasheet PDF - Raspberry Pi Holdings PLC

Part # SC1771
Download  SC1771 Click to download

File Size   988.6 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi M.2 HAT

SC1771 Datasheet (HTML) - Raspberry Pi Holdings PLC


SC1771 Product details

Overview
The Raspberry Pi M.2 HAT+ enables you to connect M.2 peripherals such as
NVMe drives and AI accelerators to Raspberry Pi 5’s PCIe 2.0 interface, supporting fast
(up to 500 MB/s) data transfer to and from NVMe drives and other PCIe accessories.
Raspberry Pi 5’s single-lane PCI Express 2.0 interface is exposed on a 16-pin, 0.5mmpitch
FPC connector; the M.2 HAT+ M Key is a mechanical adapter board that converts
between this connector and a subset of the M.2 standard. It supports devices that
have the M.2 M key edge connector, in the 2230 and 2242 form factors. It is capable of
supplying up to 3A to connected M.2 devices.
The Raspberry Pi M.2 HAT+ conforms to the Raspberry Pi HAT+ specification and is
autodetected by the latest Raspberry Pi software/firmware. It is supplied with a 16mm
stacking header and threaded spacers, so it can be fitted to a Raspberry Pi 5 with the
Raspberry Pi Active Cooler in place.




Similar Part No. - SC1771

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SC177E6 SIEMENS-SC177E6 Datasheet
101Kb / 3P
SIEMENS ANNOUNCES A SUB-MICTON GENERATION OF CHANNELLESS GATE-ARRAYS BASED ON THE PROVEN MEGALOGIC PROCESS
More results


Similar Description - SC1771

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
SparkFun Electronics
DEV-14328 SPARKFUN-DEV-14328 Datasheet
179Kb / 2P
SparkFun Pi Servo HAT
9??8??7
DEV-14459 SPARKFUN-DEV-14459 Datasheet
180Kb / 2P
SparkFun Qwiic HAT for Raspberry Pi
12-4-17
LCD-14776 SPARKFUN-LCD-14776 Datasheet
218Kb / 2P
LCD Touchscreen HAT for Raspberry Pi ??TFT 3.5in. (480x320)
12????9
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com