Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC0448 Datasheet (PDF) - Raspberry Pi Holdings PLC

SC0448 Datasheet PDF - Raspberry Pi Holdings PLC
Part # SC0448
Download  SC0448 Download
File Size   489.76 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Case Fan

SC0448 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC0448 Datasheet PDF - Raspberry Pi Holdings PLC

Part # SC0448
Download  SC0448 Click to download

File Size   489.76 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Case Fan

SC0448 Datasheet (HTML) - Raspberry Pi Holdings PLC


SC0448 Product details

Features
• Fits perfectly into the lid of the Raspberry Pi 4 Case
• Temperature-controlled fan delivers up to 1.4 CFM of air flow over the
processor, memory, and power management IC
• 18 mm × 18 mm × 10 mm heatsink with self-adhesive pad improves heat
transfer from the processor




Similar Part No. - SC0448

ManufacturerPart #DatasheetDescription
logo
Raspberry Pi Holdings P...
SC0444 RASPBERRY-PI-SC0444 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
SC0445 RASPBERRY-PI-SC0445 Datasheet
1Mb / 8P
USB-C Power Supply
June 2019
More results


Similar Description - SC0448

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP1 CTS-HP1 Datasheet
541Kb / 7P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP3 CTS-HP3 Datasheet
430Kb / 6P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
PHOENIX CONTACT
1229456 PHOENIX-1229456 Datasheet
45Kb / 1P
Case - THERMOMARK GO CASE
0803675 PHOENIX-0803675 Datasheet
51Kb / 2P
Case - TMP CASE
09/11/2020
2906272 PHOENIX-2906272 Datasheet
50Kb / 2P
Transport case - PA-CASE 2
12/24/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com