Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA7212 Datasheet (PDF) - Raspberry Pi Holdings PLC

DA7212 Datasheet PDF - Raspberry Pi Holdings PLC
Part # DA7212
Download  DA7212 Download
File Size   655.99 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi Codec Zero

DA7212 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA7212 Datasheet PDF - Raspberry Pi Holdings PLC

Part # DA7212
Download  DA7212 Click to download

File Size   655.99 Kbytes
Page   6 Pages
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC
Description Raspberry Pi Codec Zero

DA7212 Datasheet (HTML) - Raspberry Pi Holdings PLC


DA7212 Product details

Overview
Raspberry Pi Codec Zero is an audio add-on board compatible with any Raspberry Pi
computer that has a 40-pin GPIO header, and is designed around the convenient form
factor of Raspberry Pi Zero. It delivers bi-directional digital audio signals (I2S) between
Raspberry Pi and its own onboard Dialog Semiconductor DA7212 codec. Codec Zero
allows you to use a variety of input and output devices, such as the built-in MEMS
microphone and external mono electret microphones, as well as 1.2W 8Ω mono speakers.
It does not require external power, and connects directly to Raspberry Pi’s GPIO header
with no need for soldering or cables.
With features such as programmable green and red LEDs, plus a tactile button for user
input, Codec Zero makes a great starting point for audio projects such as a walkie-talkie,
intelligent doorbell, smart speaker, or vintage radio hack.




Similar Part No. - DA7212

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA7212 DIALOG-DA7212 Datasheet
2Mb / 129P
Ultra-low power stereo codec
logo
Renesas Technology Corp
DA7212 RENESAS-DA7212 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
DA7212 RENESAS-DA7212 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
DA7212-01UM2 RENESAS-DA7212-01UM2 Datasheet
1Mb / 136P
Ultra-Low Power Stereo Codec
05-Jan-2022
DA7212-01UM2 RENESAS-DA7212-01UM2 Datasheet
2Mb / 136P
Ultra-Low Power Stereo Codec
Revision 3.6 Nov 1, 2024
More results


Similar Description - DA7212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
PRT-16782 SPARKFUN-PRT-16782 Datasheet
134Kb / 2P
Flirc Raspberry Pi Zero Case
8??1??0
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
logo
NimbeLink Corp.
NL-AB-RPI NIMBELINK-NL-AB-RPI Datasheet
613Kb / 10P
Skywire ® Raspberry Pi Adapter
March 2020
logo
EDA Technology Co.,LTD
ED-GWL501 EDATEC-ED-GWL501 Datasheet
1Mb / 16P
AN INDOOR LIGHT GATEWAY BASED ON RASPBERRY PI ZERO 2 W
2023-02-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com