Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAEBH Datasheet (PDF) - PANDUIT CORP.

IAEBH Datasheet PDF - PANDUIT CORP.
Part # IAEBH
Download  IAEBH Download
File Size   302.61 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description IndustrialNet TX5e Connectors

IAEBH Datasheet (PDF)

Go To PDF Page Download Datasheet
IAEBH Datasheet PDF - PANDUIT CORP.

Part # IAEBH
Download  IAEBH Click to download

File Size   302.61 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description IndustrialNet TX5e Connectors

IAEBH Datasheet (HTML) - PANDUIT CORP.


IAEBH Product details

8-position, industrial connectors shall be applicable for use in manufacturing
environments and shall meet/exceed the ANSI/TIA-568-C.2 standard for Category
5e performance requirements. Bulkhead RJ45 jack and plug shall incorporate an
IP67 rated seal and shall be designed to provide protection from dust and
temporary immersion in water typically found in harsh industrial environments.
Tethered protective cap shall ensure IP67 protection of the connector and plug in
the unmated condition. Secondary seals on both the connector and plug shall
provide an additional environmental barrier. Termination to a 4-pair 24 AWG 100
ohm twisted pair cable shall not require the use of a punchdown tool. AN IP67
rating shall be achieved when mated with an IP67 and NEMA UL Type 12
industrial grade, bayonet style patch cord.




Similar Part No. - IAEBH

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
IAEBH5E PANDUIT-IAEBH5E Datasheet
239Kb / 2P
Data Access Port
1/2019
IAEBH5ES PANDUIT-IAEBH5ES Datasheet
239Kb / 2P
Data Access Port
1/2019
IAEBH6 PANDUIT-IAEBH6 Datasheet
239Kb / 2P
Data Access Port
1/2019
IAEBH6S PANDUIT-IAEBH6S Datasheet
239Kb / 2P
Data Access Port
1/2019
IAEBH6X PANDUIT-IAEBH6X Datasheet
282Kb / 2P
IndustrialNet™ TX6A™ Patch Cords
12/2016
More results


Similar Description - IAEBH

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
PANDUIT CORP.
CJS5E88TGY PANDUIT-CJS5E88TGY Datasheet
487Kb / 3P
Mini-Com짰 TX5e??Shielded Jack Modules
UTPCH3Y PANDUIT-UTPCH3Y Datasheet
206Kb / 1P
TX5e UTP Patch Cords
logo
Adels-Contact
040015 ADELS-040015 Datasheet
119Kb / 2P
Screwless Connectors Luminaire Connectors
06/01/2020
108005 ADELS-108005 Datasheet
118Kb / 2P
Screwless Connectors Block Connectors
06/01/2020
108307 ADELS-108307 Datasheet
117Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
Screwless Connectors Block Connectors
06/01/2020
logo
PANDUIT CORP.
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
FDME8RG PANDUIT-FDME8RG Datasheet
260Kb / 1P
8-PORT INDUSTRIALNET DIN RAIL MOUNT FIBER ENCLOSURE
01-17-12
logo
List of Unclassifed Man...
HDRA-E68MA1 ETC2-HDRA-E68MA1 Datasheet
84Kb / 2P
CONNECTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com