Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

704.121.0. Datasheet (PDF) - EAO AG.

704.121.0. Datasheet PDF - EAO AG.
Part # 704.121.0.
Download  704.121.0. Download
File Size   406.44 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Keylock switch actuator 2 positions

704.121.0. Datasheet (PDF)

Go To PDF Page Download Datasheet
704.121.0. Datasheet PDF - EAO AG.

Part # 704.121.0.
Download  704.121.0. Click to download

File Size   406.44 Kbytes
Page   2 Pages
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.
Description Keylock switch actuator 2 positions

704.121.0. Datasheet (HTML) - EAO AG.


704.121.0. Product details

Mounting
Mounting cut-out Ø 22,3 mm
Design raised
Front
Front shape round
Front dimension Ø 29 mm
Front bezel colour natural
Front bezel material Aluminium
Other Attributes
Weight 0,070 kg
Operating-/Indication part
Switching angle
IP-Rating
Front protection IP65
Actuator
Switching action
Switching element
Rotary positions 2
max. number of switching
elements 3
Function
Keylock switch




Similar Part No. - 704.121.0.

ManufacturerPart #DatasheetDescription
logo
EAO AG.
704.121.0 EAO-704.121.0 Datasheet
5Mb / 85P
Switches and Indicators
01.2002
704.121.0 EAO-704.121.0 Datasheet
14Mb / 21P
22.5 mm 30.5 mm IP65 10 A 500 VAC
704.121.0 EAO-704.121.0 Datasheet
3Mb / 130P
Devices raised mounting
07.2010
704.121.018 EAO-704.121.018 Datasheet
5Mb / 85P
Switches and Indicators
01.2002
704.121.018 EAO-704.121.018 Datasheet
14Mb / 21P
22.5 mm 30.5 mm IP65 10 A 500 VAC
More results


Similar Description - 704.121.0.

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
JX-40 HONEYWELL-ACC-JX-40 Datasheet
61Kb / 1P
ACTUATOR-SWITCH
JS-94 HONEYWELL-ACC-JS-94 Datasheet
40Kb / 1P
ACTUATOR - SWITCH
JS-308 HONEYWELL-ACC-JS-308 Datasheet
52Kb / 2P
ACTUATOR - SWITCH
logo
Honeywell Solid State E...
JS-87 HONEYWELL-JS-87 Datasheet
44Kb / 1P
ACTUATOR - SWITCH
logo
Honeywell Accelerometer...
JS-307 HONEYWELL-ACC-JS-307 Datasheet
50Kb / 1P
ACTUATOR-SWITCH
logo
List of Unclassifed Man...
JX-47 ETC2-JX-47 Datasheet
48Kb / 1P
ACTUATOR-SWITCH
logo
E-SWITCH
K900022 E-SWITCH-K900022 Datasheet
64Kb / 1P
USE WITH KEYLOCK SWITCH KO133
logo
Schneider Electric
XB6EAG221P SCHNEIDER-XB6EAG221P Datasheet
139Kb / 5P
Monolithic selector switch, Harmony XB6E, round black key 횠 16 projecting keylock 2 positions 1CO
Sep 13, 2021
XB6EAG232P SCHNEIDER-XB6EAG232P Datasheet
135Kb / 5P
Monolithic selector switch, Harmony XB6E, round black key 횠 16 projecting keylock 3 positions 2CO
Sep 13, 2021
XB6EDG222P SCHNEIDER-XB6EDG222P Datasheet
137Kb / 5P
Monolithic selector switch, Harmony XB6E, rectangular black key 16 projecting keylock 2 positions 2CO
Sep 13, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com